Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 10Page - STMicroelectronics PM8903 Datasheet HTML 11Page - STMicroelectronics PM8903 Datasheet HTML 12Page - STMicroelectronics PM8903 Datasheet HTML 13Page - STMicroelectronics PM8903 Datasheet HTML 14Page - STMicroelectronics PM8903 Datasheet HTML 15Page - STMicroelectronics PM8903 Datasheet HTML 16Page - STMicroelectronics PM8903 Datasheet HTML 17Page - STMicroelectronics PM8903 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Device description
PM8903
14/34
Doc ID 022748 Rev 1
To properly supply the power section the following is advised:
Bypass VIN pins to PGND pins as close as possible to the IC package with high quality
MLCC capacitors (at least 10
μF).
Connect the bootstrap capacitor (typically a 100 nF ceramic capacitor rated to stand
VIN voltage) from the BOOT pin to the PHASE pin to supply the HS driver.
Caution:
Do not connect an external bootstrap diode.The IC already integrates an active bootstrap
diode to charge the bootstrap capacitor, saving the cost of this external component.
The PM8903 embodies an anti-shoot-through and adaptive dead-time control to minimize
low-side body diode conduction time and consequently reduce power losses:
When the voltage at the PHASE pin drops (to check high-side MOSFET turn-off), the
LS MOSFET is suddenly switched on
When the gate driving voltage of LS drops (to check low-side MOSFET turn-off), the
HS MOSFET is suddenly switched on.
If the current flowing in the inductor is negative, voltage on the PHASE pin never drops. A
watchdog controller is implemented to allow the LS MOSFET to turn on even in this case,
allowing the negative current of the inductor to recirculate. This mechanism allows the
system to regulate even if the current is negative (if pulse-skipping is disabled).
5.2
Startup and shutdown management
The PM8903 monitors the supply voltage on both VCC and VIN pins. Once both VCC and
VIN voltages are above the respective UVLO (under voltage lockout) thresholds and the EN
pin is high, the device waits for 0.5 ms (typ.) and then begins the soft-start.
Figure 9.
PM8903 soft-start sequence
TSS =0.9 ms
2.8V
VIN UVLO
VIN
t
2.7V
VCC
t
VCC UVLO
0.6V
EN
t
EN THRESHOLD
1.5V
VREF
t
0.5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com