Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 20Page - STMicroelectronics PM8903 Datasheet HTML 21Page - STMicroelectronics PM8903 Datasheet HTML 22Page - STMicroelectronics PM8903 Datasheet HTML 23Page - STMicroelectronics PM8903 Datasheet HTML 24Page - STMicroelectronics PM8903 Datasheet HTML 25Page - STMicroelectronics PM8903 Datasheet HTML 26Page - STMicroelectronics PM8903 Datasheet HTML 27Page - STMicroelectronics PM8903 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
PM8903 demonstration board
PM8903
24/34
Doc ID 022748 Rev 1
7
PM8903 demonstration board
The PM8903 demonstration board realizes, in a four-layer PCB, a high efficiency
synchronous step-down monolithic switching converter capable of delivering up to 3 A
continuous output current.
The demonstration board shows the operation of the device in a general purpose
application. Two devices are present on the demonstration board and connected through the
SYNCH pin, also allowing testing of the synchronization capability of the PM8903. The two
devices are synchronized to each other with 180 ° phase shift switching interleaving,
reducing RMS current absorption from the input filter and preventing beating frequency
noise, therefore allowing a reduction in the size and cost of input filter.
Figure 13.
PM8903 demonstration board
The input voltage (VIN) can range from 2.8 V to 6 V and the supply voltage (VCC) can range
from 2.9 V to 5.5 V.
The output voltage is programmed to be 1.5 V but can be easily programmed, changing a
single resistor, from 0.6 V to almost VIN with a total accuracy better than
±1% over line, load
and temperature.
A simple resistor connected from the PSKIP / MS pin to ground enables / disables pulse-
skipping technology and assigns to the IC master or slave status.
The dedicated dip switch SW1 allows the enabling / disabling of each device and offers easy
control on the power sequencing or to reset latched protection. Forcing EN low, the device
enters a shutdown state and absorbs a total quiescent current from VCC and VIN less than
15
μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com