Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 5Page - STMicroelectronics PM8903 Datasheet HTML 6Page - STMicroelectronics PM8903 Datasheet HTML 7Page - STMicroelectronics PM8903 Datasheet HTML 8Page - STMicroelectronics PM8903 Datasheet HTML 9Page - STMicroelectronics PM8903 Datasheet HTML 10Page - STMicroelectronics PM8903 Datasheet HTML 11Page - STMicroelectronics PM8903 Datasheet HTML 12Page - STMicroelectronics PM8903 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
PM8903
Electrical specifications
Doc ID 022748 Rev 1
9/34
4.3
Electrical characteristics
VIN = VCC = 3.3 V ± 5%, TJ = 0 °C to 125 °C, typical values at TJ = 25 °C, unless otherwise
specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and undervoltage lockout
IIN
VIN supply current
Switching, no inductor connected
5
mA
ICC
VCC supply current
Switching, no inductor connected
1
mA
ISHUTDOWN VCC + VIN supply current
Shutdown, EN = 0 V
7
μA
VIN UVLO
VIN turn-ON
VIN rising
2.8
V
Hysteresis
100
mV
Deglitching(1)
Rising and falling edge
1
μs
VCC UVLO
VCC turn-ON
VCC rising
2.9
V
Hysteresis
100
mV
Deglitching(1)
Rising and falling edge
1
μs
Oscillator
FSW
Main oscillator accuracy
RPM=0 Ω / 24 kΩ / 180 kΩ / 240 kΩ
or PSKIP/MS pin floating
0.99
1.1
1.21
MHz
ΔVOSC
PWM ramp amplitude(1)
1V
d
Duty cycle(1)
0100
%
TON-min
Minimum ON time(1)
80
ns
TOFF-min
Minimum OFF time(1)
80
ns
Reference and error amplifier
Output voltage accuracy
VOUT = 0.6 V
-1
-
1
%
A0
DC gain(1)
120
dB
GBWP
Gain-bandwidth product(1)
14
MHz
SR
Slew-rate(1)
CCOMP=20 pF
5
V/
μs
Output power MOSFETS
HS RDS-on
HS drain-source ON
resistance
35
m
Ω
LS RDS-on
LS drain-source ON
resistance
35
m
Ω
Overcurrent protection
IOC1
1st level overcurrent
threshold
HS sourcing
4.0
4.6
5.2
A
IOC2
2nd level overcurrent
threshold (1)
HS sourcing
4.5
5.2
5.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com