Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8903 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 16Page - STMicroelectronics PM8903 Datasheet HTML 17Page - STMicroelectronics PM8903 Datasheet HTML 18Page - STMicroelectronics PM8903 Datasheet HTML 19Page - STMicroelectronics PM8903 Datasheet HTML 20Page - STMicroelectronics PM8903 Datasheet HTML 21Page - STMicroelectronics PM8903 Datasheet HTML 22Page - STMicroelectronics PM8903 Datasheet HTML 23Page - STMicroelectronics PM8903 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Application information
PM8903
20/34
Doc ID 022748 Rev 1
stability, it should not exceed FSW/2π. To achieve a good phase margin, the control loop gain
must cross the 0 dB axis with -20 dB/decade slope.
As an example,
Figure 12 shows an asymptotic bode plot of a type III compensation.
Figure 12.
Example of type III compensation
The open loop converter singularities are:
The compensation network singularity frequencies are:
F
LC
1
2
π LC
OUT
⋅
----------------------------------
=
F
ESR
1
2
π C
OUT
ESR
⋅⋅
--------------------------------------------
=
F
Z1
1
2
π R
F
C
F
⋅⋅
------------------------------
=
F
Z2
1
2
π R
FB
R
S
+
() C
S
⋅⋅
-----------------------------------------------------
=
F
P1
1
2
π R
F
C
F
C
P
⋅
C
F
C
P
+
---------------------
⎝⎠
⎛⎞
⋅⋅
--------------------------------------------------
=
F
P2
1
2
π R
S
C
S
⋅⋅
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com