Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3430 Datasheet(PDF) 10 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 10 Page - ams AG

Back Button AS3430 Datasheet HTML 6Page - ams AG AS3430 Datasheet HTML 7Page - ams AG AS3430 Datasheet HTML 8Page - ams AG AS3430 Datasheet HTML 9Page - ams AG AS3430 Datasheet HTML 10Page - ams AG AS3430 Datasheet HTML 11Page - ams AG AS3430 Datasheet HTML 12Page - ams AG AS3430 Datasheet HTML 13Page - ams AG AS3430 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VBAT = +1.5V, TA = +25ºC, unless otherwise specified.
Figure 6. LIN to HPH: THD+N vs. Output Power
Figure 7. VNEG Charge Pump
THD+N vs POUT - 32Ω - stereo single ended
0,01
0,1
1
0
5
10
15
20
25
30
35
40
Pout [mW]
VBAT=1.8V
VBAT=1.5V
VBAT=1.0V
THD+N vs POUT - 16Ω - single ended stereo
0,01
0,1
1
0
1020
30
4050
60
Pout [mW]
VBAT=1.8V
VBAT=1.5V
VBAT=1.0V
THD+N vs POUT - 32Ω - bridged-tied load
0,01
0,1
1
0
10
2030
405060
7080
90
100
110
120
130
Pout [mW]
VBAT=1.8V
VBAT=1.5V
VBAT=1.0V
THD+N vs POUT - 64Ω - bridged-tied load
0,01
0,1
1
0
1020304050
60
70
80
90
Pout [mW]
VBAT=1.8V
VBAT=1.5V
VABT=1.0V
VNEG CP Voltage vs Load Current
-1,8
-1,6
-1,4
-1,2
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0
50
100
150
200
I_VNEG [mA]
VBAT=1.0V
VBAT=1.5V
VBAT=1.8V
VNEG CP Efficiency
50
55
60
65
70
75
80
85
90
95
100
0
20
40
60
80
100
120
140
160
180
200
I_VNEG [mA]
VBAT=1.0V
VBAT=1.5V
VBAT=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com