Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3430 Datasheet(PDF) 16 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 16 Page - ams AG

Back Button AS3430 Datasheet HTML 12Page - ams AG AS3430 Datasheet HTML 13Page - ams AG AS3430 Datasheet HTML 14Page - ams AG AS3430 Datasheet HTML 15Page - ams AG AS3430 Datasheet HTML 16Page - ams AG AS3430 Datasheet HTML 17Page - ams AG AS3430 Datasheet HTML 18Page - ams AG AS3430 Datasheet HTML 19Page - ams AG AS3430 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
16 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.3 Headphone Output
The headphone output is a true ground output using VNEG as negative supply, designed to provide the audio signal with 2x12mW @ 16
Ω-64Ω,
which are typical values for headphones. It is also capable to operate in bridged mode for higher impedance (e.g. 300
Ω) headphone. In this
mode the left output is carrying the inverted signal of the right output shown in Figure 15.
Figure 14. Headphone Output Single Ended Mode
Figure 15. Headphone Output Differential Mode
8.3.1 Input Multiplexer
The signal from the line-input gain stage gets summed at the input of the headphone stage with the microphone gain stage output, the first filter
opamp output or the second filter opamp output. The microphone gain stage output is used per default. It is also possible to playback without
ANC by only using the line-input gain stage with no other signal on the multiplexer.
For the monitor mode, the setting of this input multiplexer can be changed to another source, normally to the microphone.
8.3.2 No-Pop Function
The No-Pop startup of the headphone stage takes 60ms to 120ms dependent on the supply voltage.
8.3.3 No-Clip Function
The headphone output stage gets monitored by comparator stages which detect if the output signal starts to clip.
This signal is used to reduce the LineIn gain to avoid distortion of the output signal. A hystereses avoids jumping between 2 gain steps for a
signal with constant amplitude.
Pop
Click
Control
HPR
HPL
AGND
LineInR
QOP2R
QOP1R
QMicR
LineInL
QOP2L
QOP1L
QMicL
HPVSS
HPVDD
open
open
LineIn
gain stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com