Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3430 Datasheet(PDF) 30 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 30 Page - ams AG

Back Button AS3430 Datasheet HTML 26Page - ams AG AS3430 Datasheet HTML 27Page - ams AG AS3430 Datasheet HTML 28Page - ams AG AS3430 Datasheet HTML 29Page - ams AG AS3430 Datasheet HTML 30Page - ams AG AS3430 Datasheet HTML 31Page - ams AG AS3430 Datasheet HTML 32Page - ams AG AS3430 Datasheet HTML 33Page - ams AG AS3430 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
30 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - R e g i s t e r D e s c r i p t i o n
Table 17. LINE_IN Register
Name
Base
Default
LINE_IN
2-wire serial
00h
Offset: 0Ah
Line Input Register
Configures the attenuation for the line input, defines the line input operation mode and enables register
0Ah. This register is reset at POR.
Bit
Bit Name
Default
Access
Bit Description
7
LIN_REG_ON
0
R/W
Defines which source is used for the line input settings.
0: settings of register 33h and VOL pin are used
1: register 0Ah is used
6
LIN_MODE
0
R/W
Selects the line input mode
0: single ended stereo mode
1: mono differential mode
5:0
LIN_VOL<5:0>
00 0000
R/W
Volume settings for line input, adjustable in 63 steps of 0.75dB
00 0000: MUTE
00 0001:-46.5dB gain
00 0010:-45.75dB gain
..
11 1110:-0.75dB gain
11 1111:.0 dB gain
Table 18. GP_OP_L Register
Name
Base
Default
GP_OP_L
2-wire serial
00h
Offset: 0Bh
Left General Purpose Operational Amplifier Register
Enables the left opamp stages, defines opamp 2 mode and gain and sets the HP input multiplexer. This
register is reset at POR.
Bit
Bit Name
Default
Access
Bit Description
7:6
HP_MUX<1:0>
00
R/W
Multiplexes the analog audio signal to HP amp
00: MIC: selects QMICL/R output
01: OP1: selects QOP1L/R outputs
10:OP2: selects QOP2L/R output
11: open: no signal mixed together with the line input signal
5:2
OP2L<3:0>
0000
R/W
Mode and volume settings for left OP2, adjustable in 15 steps of 0.75dB
0000: OP2L in inverting mode
0001: 0 dB gain, OP2L in non inverting mode
0001: 0.75 dB gain, non inverting
..,
1110: 9.75dB gain, non inverting
1111:.10.5 dB gain, non inverting
1
OP2L_ON
0
R/W
Enables left OP 2
0: left OP2 is switched off
1: left OP2 is enabled
0
OP1L_ON
0
R/W
Enables left OP 1
0: left OP1 is switched off
1: left OP1 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com