Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3430 Datasheet(PDF) 11 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 11 Page - ams AG

Back Button AS3430 Datasheet HTML 7Page - ams AG AS3430 Datasheet HTML 8Page - ams AG AS3430 Datasheet HTML 9Page - ams AG AS3430 Datasheet HTML 10Page - ams AG AS3430 Datasheet HTML 11Page - ams AG AS3430 Datasheet HTML 12Page - ams AG AS3430 Datasheet HTML 13Page - ams AG AS3430 Datasheet HTML 14Page - ams AG AS3430 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
11 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 8. Microphone Supply Generation
Figure 9. ILED Current Sink (100% PWM setting)
MICS Charge Pump
0
0,5
1
1,5
2
2,5
3
3,5
0
500
1000
1500
2000
I_MICS [uA]
VBAT=1.8V
VBAT=1.5V
VABT=1.0V
I_MICS vs dI_VBAT
0
1000
2000
3000
4000
5000
6000
7000
0
500
1000
1500
2000
I_MICS [uA]
VBAT=1.8V
VBAT=1.5V
VBAT=1.0V
V_MICS vs V_VBAT
1,5
1,7
1,9
2,1
2,3
2,5
2,7
2,9
3,1
3,3
3,5
0,9
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
VBAT [V]
I_MCS = 0.0uA
I_MICS = 600uA
R_MICS_Switch vs V_VBAT
40
50
60
70
80
90
100
110
120
130
140
0,9
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
VBAT [V]
ILED Current
0,0
20,0
40,0
60,0
80,0
100,0
120,0
0,00,1
0,20,3
0,40,5
V (ILED-VNEG) [V]
ILED (Vbat=1.8V)
ILED (Vbat=1.5V)
ILED (Vbat=1.0V)
ILED Current
0,0
20,0
40,0
60,0
80,0
100,0
120,0
0,0
0,5
1,0
1,5
2,0
2,5
3,0
V (ILED-VNEG) [V]
ILED (Vbat=1.8V)
ILED (Vbat=1.5V)
ILED (Vbat=1.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com