Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3430 Datasheet(PDF) 32 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 32 Page - ams AG

Back Button AS3430 Datasheet HTML 28Page - ams AG AS3430 Datasheet HTML 29Page - ams AG AS3430 Datasheet HTML 30Page - ams AG AS3430 Datasheet HTML 31Page - ams AG AS3430 Datasheet HTML 32Page - ams AG AS3430 Datasheet HTML 33Page - ams AG AS3430 Datasheet HTML 34Page - ams AG AS3430 Datasheet HTML 35Page - ams AG AS3430 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
32 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - R e g i s t e r D e s c r i p t i o n
Table 21. PWR_SET Register
Name
Base
Default
PWR_SET
2-wire serial
0x11 1111b (stand alone mode)
0x00 0000b (I2C mode)
Offset: 21h
Power Setting Register
Please be aware that writing to this register will enable/disable the corresponding blocks,
while reading gets the actual status. It is not possible to read back e.g ILED settings. This
register is reset at POR.
Bit
Bit Name
Default
Access
Bit Description
7
PWR_REG_ON
0
R/W
Defines which register is used for the power settings.
0: all blocks stay on as defined in the start-up sequence
1: register 21h is used
6:5
ILED<1:0>
00
W
Sets the current sunk into ILED
00: current sink switched OFF
01: 25%
10: 50%
11: 100%
6
LOW_BAT
x
R
VBAT supervisor status
0: VBAT is above brown out level
1: BVDD has reached brown out level
5
PWRUP_COMPLETE
x
R
Power-Up sequencer status
0: power-up sequence incomplete
1: power-up sequence completed
4HP_ON
0
W
0: switches HP stage off
1: switches HP stage on
xR
0: HP stage not powered
1: normal operation
3MIC_ON
0
W
0: switches microphone stage off
1: switches microphone stage on
xR
0: microphone stage not powered
1: normal operation
2LIN_ON
0
W
0: switches line input stage off
1: switches line input stage on
xR
0: line input stage not powered
1: normal operation
1MICS_CP_ON
0
W
0: switches microphone supply charge pump off
1: switches microphone supply charge pump on
xR
0: microphone supply charge pump not powered
1: normal operation
0MICS_ON
0
W
0: switches microphone supply off
1: switches microphone supply on
xR
0: microphone supply not enabled
1: normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com