Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3430 Datasheet(PDF) 36 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 36 Page - ams AG

Back Button AS3430 Datasheet HTML 32Page - ams AG AS3430 Datasheet HTML 33Page - ams AG AS3430 Datasheet HTML 34Page - ams AG AS3430 Datasheet HTML 35Page - ams AG AS3430 Datasheet HTML 36Page - ams AG AS3430 Datasheet HTML 37Page - ams AG AS3430 Datasheet HTML 38Page - ams AG AS3430 Datasheet HTML 39Page - ams AG AS3430 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
36 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - R e g i s t e r D e s c r i p t i o n
Table 29. PWRUP_CNTR Register
Name
Base
Default
PWRUP_CNTR
2-wire serial
00h (OTP)
Offset: 17h
PowerUp Control Register
Configures chip start-up speed. This is a special register, writing needs to be enabled by writing 10b to
Reg 3Fh first. This register is reset at POR and gets loaded with the OTP fuse contents.
Bit
Bit Name
Default
Access
Bit Description
7
SEQ_LOCK
0
R/W
0: additional bits can be fused inside register 16h & 17h
1: OTP fusing for register 16h & 17h gets locked, no more changes can be
done.
6:2
FAST_START
<4:0>
0 0000
R/W
0h: ~900ms start-up time
0Eh: ~600ms start-up time
1
LIN_AGC_OFF
0
R/W
0: Line Input AGC enabled
1: Line Input AGC switched off
0
MIC_AGC_OFF
0
R/W
0:Microphone Input AGC enabled
1: Microphone Input AGC switched off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com