Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3430 Datasheet(PDF) 14 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 14 Page - ams AG

Back Button AS3430 Datasheet HTML 10Page - ams AG AS3430 Datasheet HTML 11Page - ams AG AS3430 Datasheet HTML 12Page - ams AG AS3430 Datasheet HTML 13Page - ams AG AS3430 Datasheet HTML 14Page - ams AG AS3430 Datasheet HTML 15Page - ams AG AS3430 Datasheet HTML 16Page - ams AG AS3430 Datasheet HTML 17Page - ams AG AS3430 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
14 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.2 Microphone Input
The AFE offers two microphone inputs and one low noise microphone voltage supply (microphone bias). The inputs can be switched to single
ended or differential mode.
Figure 13. Microphone Input
8.2.1 Gain Stage & Limiter
The Mic GainStage has programmable Gain within -6dB…+41.625dB in 128 steps of 0.375dB.
As soft-start function is implemented for an automatic gain ramping implemented with steps of 4ms to fade in the audio at the end of the start-up
sequence.
A limiter automatically attenuates high input signals. The AGC has 127 steps with 0.375dB with a dynamic range of the full gain stage.
In monitor mode, the gain stage can be set to an fixed (normally higher) gain level or be controlled by the VOL pin.
8.2.2 Supply
The MICS charge pump is providing a proper microphone supply voltage for the AAA supply. Since AAA batteries are operating down to 1.0V,
the direct battery voltage cannot be used for mic-supply. There are 2 modes.
The first mode SWITCH-MODE for 1.8V supply is to have just a switch from VBAT to MICS. With this switch, the microphone current is switched
off in idle mode.
The second mode CHAREGPUMP_MODE for AAA batteries is the real charge pump mode, in this mode a positive voltage is generated of about
2* VBAT.
It is also possible to switch off the microphone supply if not needed (e.g. playback without ANC)
ΔALIN
Gain Ramp Rate
PotiMode, Tinit=100ms
20
ms/step
ButtonMode, Tinit=400ms
80
MonitorMode
8
VATTACK
Limiter Activation Level
HPL/R start of neg. clipping
VPEAK
VDECAY
Limiter Release Level
HPL/R
VNEG
+0.3
VPEAK
tATTACK
Limiter Attack Time
4µs
tDECAY
Limiter Decay Time
8ms
Table 4. Line Input Parameter (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
AGND
MICL
stereo mode
MICR
QMICR
QMICL
mono differential mode
AGND
MICL
MICR
QMICR
QMICL
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com