Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3430 Datasheet(PDF) 20 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 20 Page - ams AG

Back Button AS3430 Datasheet HTML 16Page - ams AG AS3430 Datasheet HTML 17Page - ams AG AS3430 Datasheet HTML 18Page - ams AG AS3430 Datasheet HTML 19Page - ams AG AS3430 Datasheet HTML 20Page - ams AG AS3430 Datasheet HTML 21Page - ams AG AS3430 Datasheet HTML 22Page - ams AG AS3430 Datasheet HTML 23Page - ams AG AS3430 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
20 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 18. I2C Mode Start-Up Sequence
The total start-up time (inlcuding fade-in of the gain stages) can be reduced from 900ms to 600ms by OTP setting.
8.5.3 Mode Switching
When the chip is in stand-alone mode (no I2C control), the mode can be switched with different levels on the MODE pin.
In I2C mode, the monitor mode can be activated be setting the corresponding bit in the system register.
Table 10. Operation Modes
MODE
MODE pin
Description
OFF
LOW (VSS)
Chip is turned off
ANC
HIGH (VBAT)
Chip is turned on and active noise cancellation is active
MONITOR
VBAT/2
Chip is turned on and monitor mode is active
In Monitor mode, a different (normally higher) microphone preamplifier gain can be chosen to get
an amplification of the surrounding noise. This volume can be either fixed or be controlled by the
VOL input.
To get rid of the low pass filtering needed for the noise cancellation, the headphone input
multiplexer can be set to a different (normally to MIC) source.
In addition, the LineIn gain can be lowered to reduce the loudness of the music currently played
back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com