Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656ABSTZ Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AD7656ABSTZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 15Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 16Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 17Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7656A
Data Sheet
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of crosstalk
between any two channels. It is measured by applying a full-scale,
100 kHz sine wave signal to all unselected input channels and
determining the degree to which the signal attenuates in the
selected channel with a 30 kHz signal.
Power Supply Rejection Ratio (PSRR)
Variations in power supply affect the full-scale transition but
not the linearity of the converter. Power supply rejection is the
maximum change in the full-scale transition point due to a change
in power supply voltage from the nominal value. See the Typical
Performance Characteristics section.
Figure 15 shows the power supply rejection ratio vs. supply
ripple frequency for the AD7656A. The power supply rejection
ratio is defined as the ratio of the power in the ADC output at the
full-scale frequency, f, to the power of a 200 mV p-p sine wave
applied to the VDD and VSS supplies of the fSAMPLE of the ADC.
PSRR (dB) = 10 log (Pf/PfS)
where:
Pf is equal to the power at frequency f in the ADC output.
PfS is equal to the power at frequency fS coupled onto the VDD
and VSS supplies.
Percent Full-Scale Ratio (% FSR)
%FSR is calculated using the full theoretical span of the ADC.
Rev. 0 | Page 14 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com