Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656ABSTZ Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AD7656ABSTZ Datasheet HTML 12Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 15Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 16Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 17Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 18Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 19Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7656A
Data Sheet
ADC TRANSFER FUNCTION
The output coding of the AD7656A is twos complement. The
designed code transitions occur midway between successive
integer LSB values, that is, 1/2 LSB and 3/2 LSB. The LSB size is
FSR/65,536 for the AD7656A. The ideal transfer characteristic
is shown in Figure 21.
011...111
011...110
000...001
000...000
111...111
–FSR/2 + 1/2LSB
+FSR/2 – 3/2LSB
AGND – 1LSB
ANALOG INPUT
100...010
100...001
100...000
Figure 21. Transfer Characteristic
The LSB size is dependent on the analog input range selected
(see Table 7).
Table 7. LSB Size for Each Analog Input Range
Input Range (V)
LSB Size (mV)
Full Scale Range
±10
0.305
20 V/65,536
±5
0.152
10 V/65,536
REFERENCE SECTION
Either the REFIN/REFOUT pin allows access to the 2.5 V reference
of the AD7656A, or it allows an external reference to be connected,
providing the reference source for the conversions of the device.
The AD7656A can accommodate a 2.5 V to 3 V external reference
range. When using an external reference, the internal reference
must be disabled. After a reset, the AD7656A defaults to
operating in external reference mode with the internal reference
buffers enabled. The internal reference can be enabled in either
hardware or software mode. To enable the internal reference in
hardware mode, set the H/S SEL pin to 0 and the REFEN/DIS pin to 1.
To enable the internal reference in software mode, set the H/S SEL
pin to 1 and write to the control register to set DB9 of the
control register to 1. For the internal reference mode, decouple
the REFIN/REFOUT pin using 10 µF and 100 nF capacitors.
The AD7656A contains three on-chip reference buffers. Each of
the three ADC pairs has an associated reference buffer. These
reference buffers require external decoupling capacitors on the
REFCAPA, REFCAPB, and REFCAPC pins.Place 10 µF and
100 nF decoupling capacitors on these REFCAPx pins. The
internal reference buffers can be disabled in software mode by
writing to Bit DB8 in the internal control register. If the serial
interface is selected, the internal reference buffers can be disabled
in hardware mode by setting the DB14/REFBUFEN/DIS pin high. If
the internal reference and its buffers are disabled, apply an
external buffered reference to the REFCAPx pins.
TYPICAL CONNECTION DIAGRAM
Figure 22 shows the typical connection diagram for the AD7656A.
There are eight AVCC supply pins on the device. The AVCC supply
is the supply that is used for the AD7656A conversion process;
therefore, it must be well decoupled. Individually decouple each
AVCC supply pin with a 10 µF tantalum capacitor and a 100 nF
ceramic capacitor. The AD7656A can operate with the internal
reference or an externally applied reference. In this configuration,
the device is configured to operate with the external reference.
The REFIN/REFOUT pin is decoupled with a 10 µF and 100 nF
capacitor pair. The three internal reference buffers are enabled.
Each of the REFCAPx pins is decoupled with the 10 µF and
100 nF capacitor pair.
+
100nF
100nF
+
+
DVCC
100nF
+
100nF
DVCC
AVCC
AGND
DGND
VDRIVE DGND
VDD
AGND
+
100nF
VSS
AGND
+
100nF
+
100nF
REFCAPA, REFCAPB, REFCAPC
AGND
REFIN/REFOUT
AGND
DB0 TO DB15
CONVST A, CONVST B, CONVST C
CS
RD
BUSY
SER/PAR/SEL
H/S SEL
W/B
RANGE
RESET
STBY
VDRIVE
AD7656A
10µF
10µF
10µF
10µF
10µF
10µF
10µF
DIGITAL SUPPLY
VOLTAGE +3V OR +5V
ANA L OG SUPPLY
VOLTAGE 5V1
1DECOUPLING SHOWN ON THE AVCC PIN APPLIES TO EACH AVCC PIN.
2SEE THE POWER SUPPLY SEQUENCING SECTION.
+11.0V TO +16.5V2
SUPPLY
2.5V
REF
SIX ANALOG
INPUTS
–11.0V TO –16.5V2
SUPPLY
PARALLEL
MICROPROCESSOR/
MICROCONTROLLER/
DSP
INTERFACE
Figure 22. Typical Connection Diagram
Rev. 0 | Page 16 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com