Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656ABSTZ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AD7656ABSTZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7656A
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND, DGND
0 V to +16.5 V
VSS to AGND, DGND
0 V to −16.5 V
VDD to AVCC
AVCC + 0.7 V to 16.5 V
AVCC to AGND, DGND
−0.3 V to +7 V
DVCC to AVCC
−0.3 V to AVCC + 0.3 V
DVCC to DGND, AGND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
VDRIVE to DGND
−0.3 V to DVCC + 0.3 V
Analog Input Voltage to AGND
VSS + 1 V to VDD − 1 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
REFIN/REFOUT to AGND
−0.3 V to AVCC + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Pb/Sn Temperature, Soldering
Reflow (10 sec to 30 sec)
240(0)°C
Pb-Free Temperature, Soldering Reflow
260(0)°C
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
POWER SUPPLY SEQUENCING
Simultaneous application of VDD and VSS is necessary to
guarantee reliability of the device. In the cases where
simultaneous application cannot be guaranteed, VDD must power
up before VSS. When a negative voltage is applied to the analog
inputs before VDD and VSS are fully powered up, a 560 Ω resistor
must be placed on the analog inputs.
A number of sequencing combinations can lead to temporary
high current states; however, when all supplies are powered up,
the device returns to normal operating currents. The analog
input (AIN) coming before AVCC causes temporary high current
on the analog inputs. Digital inputs before DVCC, and DVCC
before other supplies, also cause temporary high current states.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. These
specifications apply to a 4-layer board.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
64-Lead LQFP
45
11
°C/W
ESD CAUTION
Rev. 0 | Page 6 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com