Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656ABSTZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD7656ABSTZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD7656A
TIMING SPECIFICATIONS
AVCC and DVCC = 4.75 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, VREF = 2.5 V internal/external, TA = TMIN to TMAX, unless otherwise noted. For the
±4 × VREF range, VDD = 11 V to 16.5 V, and VSS = −11 V to −16.5 V, and for the ±2 × VREF range, VDD = 6 V to 16.5 V, and VSS = −6 V to
−16.5 V. Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and
timed from a voltage level of 1.6 V.
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description1
VDRIVE < 4.75 V
VDRIVE = 4.75 V to 5.25V
PARALLEL INTERFACE MODE
tCONVERT
3
3
µs typ
Conversion time, internal clock
tQUIET
150
150
ns min
Minimum quiet time required between bus relinquish
and start of next conversion
tACQ
550
550
ns min
Acquisition time
t1
60
60
ns min
CONVST x high to BUSY high
t10
25
25
ns min
Minimum CONVST x low pulse
tWAKE-UP
2
2
ms max
STBY rising edge to CONVST x rising edge, not
shown in figures
25
25
µs max
Partial power-down mode
PARALLEL WRITE OPERATION
t11
15
15
ns min
WR pulse width
t12
0
0
ns min
CS to WR setup time
t13
5
5
ns min
CS to WR hold time
t14
5
5
ns min
Data setup time before WR rising edge
t15
5
5
ns min
Data hold after WR rising edge
PARALLEL READ OPERATION
t2
0
0
ns min
BUSY to RD delay
t3
0
0
ns min
CS to RD setup time
t4
0
0
ns min
CS to RD hold time
t5
45
36
ns min
RD pulse width
t6
45
36
ns max
Data access time after RD falling edge
t7
10
10
ns min
Data hold time after RD rising edge
t8
12
12
ns max
Bus relinquish time after RD rising edge
t9
6
6
ns min
Minimum time between reads
SERIAL INTERFACE MODE
fSCLK
18
18
MHz max
Frequency of serial read clock
t16
12
12
ns max
Delay from CS until SDATA three-state disabled
t172
22
22
ns max
Data access time after SCLK rising edge/CS falling edge
t18
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK low pulse width
t19
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK high pulse width
t20
10
10
ns min
SCLK to data valid hold time after SCLK falling edge
t21
18
18
ns max
CS rising edge to SDATA high impedance
1
Multifunction pin names may be referenced by their relevant function only.
2
A buffer is used on the data output pins for this measurement.
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
25pF
Figure 2. Load Circuit for Digital Output Timing Specifications
Rev. 0 | Page 5 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com