Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656ABSTZ Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AD7656ABSTZ Datasheet HTML 20Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 21Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 22Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 23Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 24Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 25Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 26Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 27Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7656A
Data Sheet
APPLICATION HINTS
LAYOUT
Design the printed circuit board (PCB) that houses the AD7656A
so that the analog and digital sections are separated and confined
to different areas of the board.
Use at least one ground plane. The ground plane can be common
or split between the digital and analog sections. In the case of
the split plane, join the digital and analog ground planes in only
one place, preferably underneath the AD7656A, or at least as
close as possible to the device.
If the AD7656A is in a system where multiple devices require
analog-to-digital ground connections, still make the connection
at only one point, a star ground point, and established it as close
as possible to the AD7656A. Make good connections to the
ground plane. Avoid sharing one connection for multiple
ground pins. Use individual vias or multiple vias to the ground
plane for each ground pin.
Avoid running digital lines under the device because doing so
couples noise onto the die. Allow the analog ground plane to
run under the AD7656A to avoid noise coupling. Shield fast
switching signals, like CONVST x or clocks, with digital ground
to avoid radiating noise to other sections of the board, and
ensure that they never run near the analog signal paths. Avoid
crossover of digital and analog signals. Run traces in close
proximity on the board at right angles to each other to reduce
the effect of feedthrough through the board.
For the power supply lines to the AVCC, DVCC, VDRIVE, VDD, and
VSS pins on the AD7656A use as large a trace as possible to
provide low impedance paths and to reduce the effect of glitches
on the power supply lines. Establish good connections between
the AD7656A supply pins and the power tracks on the board;
involve the use of a single via or multiple vias for each supply
pin.
Good decoupling is also important to lower the supply impedance
presented to the AD7656A and to reduce the magnitude of the
supply spikes. Place decoupling ceramic capacitors, typically
100 nF, on all of the power supply pins, VDD, VSS, AVCC, DVCC,
and VDRIVE. Place these decoupling capacitors close to, but
ideally right up against, these pins and their corresponding
ground pins. Additionally, place low ESR 10 µF capacitors on
each of the supply pins. Avoid sharing these capacitors between
pins. Use big vias to connect the capacitors to the power and
ground planes. Use wide, short traces between the via and the
capacitor pad, or place the via adjacent to the capacitor pad to
minimize parasitic inductances. Recommended decoupling
capacitors are 100 nF, low ESR, ceramic capacitors and 10 µF, low
ESR, tantalum capacitors for the AVCC decoupling. Place a large
tantalum decoupling capacitor where the AVCC supply enters
the board.
An alternative reduced decoupling arrangement is outlined in
the Typical Connection Diagram section. This decoupling
arrangement groups the AVCC supply pins into pairs and allows
the decoupling capacitors to be shared between the supply pairs.
Group the six AVCC core supply pins into three pairs, Pin 34 and
Pin 35, Pin 40 and Pin 41, and Pin 46 and Pin 47. Connect the
supply pins in each pair together; their location on the AD7656A
pin configuration easily facilitates this. For the AD7656A, decouple
each pair with a 100 µF capacitor. For this minimum decoupling
configuration, decouple all other supply and reference pins with
a 10 µF decoupling capacitor.
Rev. 0 | Page 24 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com