Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656ABSTZ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AD7656ABSTZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD7656A
SPECIFICATIONS
VREF = 2.5 V internal/external, AVCC = 4.75 V to 5.25 V, DVCC = 4.75 V to 5.25 V, and VDRIVE = 2.7 V to 5.25 V. For the ±4 × VREF range,
VDD = 11 V to 16.5 V, and VSS = −11 V to −16.5 V. For the ±2 × VREF range, VDD = 6 V to 16.5 V, and VSS = −6 V to −16.5 V. fSAMPLE =
250 kSPS, and TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave
Signal-to-Noise + Distortion (SINAD)1
84
85.5
dB
Signal-to-Noise Ratio (SNR)1
85
86.5
dB
Total Harmonic Distortion (THD)1
−90
dB
RANGE Pin = 0
−92
dB
VDD/VSS = ±6 V to ±11 V
RANGE Pin = 1
−100
dB
VDD/VSS = ±12 V to ±16.5 V
Peak Harmonic or Spurious Noise (SFDR)1
−100
dB
Intermodulation Distortion (IMD)1
fa = 50 kHz, fb = 49 kHz
Second-Order Terms
−112
dB
Third-Order Terms
−107
dB
Aperture Delay
10
ns
Aperture Delay Matching
4
ns
Aperture Jitter
35
ps
Channel-to-Channel Isolation1
−100
dB
fIN on unselected channels up to 100 kHz
Full Power Bandwidth
12
MHz
At −3 dB
2
MHz
At −0.1 dB
DC ACCURACY
Resolution
16
Bits
No Missing Codes
15
Bits
16
Bits
At 25°C
Integral Nonlinearity1
±3
LSB
±1
LSB
Positive Full-Scale Error1
±0.22%
±0.75
% FSR
Positive Full-Scale Error Matching1
±0.35
% FSR
Bipolar Zero-Scale Error1
±0.004%
±0.023
% FSR
Bipolar Zero-Scale Error Matching1
±0.038
% FSR
Negative Full-Scale Error1
±0.22%
±0.75
% FSR
Negative Full-Scale Error Matching1
±0.35
% FSR
ANALOG INPUT
See Table 6 for the minimum VDD/VSS
for each range
Input Voltage Ranges
−4 × VREF
+4 × VREF
V
RANGE pin = 0
−2 × VREF
+2 × VREF
V
RANGE pin = 1
DC Leakage Current
±1
µA
Input Capacitance2
10
pF
±4 × VREF range when in track mode
14
pF
±2 × VREF range when in track mode
REFERENCE INPUT/OUTPUT
Reference Input Voltage Range
2.5
3
V
DC Leakage Current
±1
µA
Input Capacitance2
18.5
pF
REFEN/DIS = 13
Reference Output Voltage
2.49
2.51
V
Long-Term Stability
150
ppm
1000 hours
Reference Temperature Coefficient
25
ppm/°C
6
ppm/°C
Rev. 0 | Page 3 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com