Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656ABSTZ Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AD7656ABSTZ Datasheet HTML 13Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 14Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 15Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 16Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 17Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 18Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 19Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 20Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD7656A
Six of the AVCC supply pins are used as the supply to the six ADC
cores on the AD7656A and, as a result, are used for the conversion
process. Each analog input pin is surrounded by an AVCC supply
pin and an AGND pin. These AVCC and AGND pins are the supply
and ground for the individual ADC cores. For example, Pin 33 is
V1, Pin 34 is the AVCC supply for ADC Core 1, and Pin 32 is
AGND for ADC Core 1. An alternative reduced decoupling
solution is to group these six AVCC supply pins into three pairs,
Pin 34 and Pin 35, Pin 40 and Pin 41, and Pin 46 and Pin 47.
For the AD7656A, a 100 µF decoupling capacitor can be placed
on each of the pin pairs. Decouple all of the other supply and
reference pins with a 10 µF decoupling capacitor.
If the same supply is being used for the AVCC supply and DVCC
supply, place a ferrite or small RC filter between the supply pins.
The AGND pins are connected to the analog ground plane of the
system. The DGND pins are connected to the digital ground plane
in the system. Connect the AGND and DGND planes together
at one place in the system. Make this connection as close as
possible to the AD7656A in the system.
The VDRIVE supply is connected to the same supply as the processor.
The voltage on VDRIVE controls the voltage value of the output
logic signals.
Decouple the VDD and VSS signals with a minimum 10 µF
decoupling capacitor. These supplies are used for the high voltage
analog input structures on the AD7656A analog inputs.
DRIVING THE ANALOG INPUTS
Together, the driver amplifier and the analog input circuit
used for the AD7656A must settle for a full-scale step input to
a 16-bit level (0.0015%), which is within the specified 550 ns
acquisition time of the AD7656A. The noise generated by the
driver amplifier must be kept as low as possible to preserve the
SNR and transition noise performance of the AD7656A. In
addition, the driver needs to have a THD performance suitable
for the AD7656A.
The AD8021 meets all these requirements. The AD8021 needs an
external compensation capacitor of 10 pF. If a dual version of the
AD8021 is required, the AD8022 can be used. The AD8610 and the
AD797 can also be used to drive the AD7656A.
INTERFACE SECTION
The AD7656A provides two interface options: a parallel interface
and a high speed serial interface. The required interface mode is
selected via the SER/PAR SEL pin. The parallel interface can
operate in word (W/B = 0) or byte (W/B = 1) mode. The
interface modes are discussed in the following sections.
Parallel Interface (SER/PAR/SEL = 0)
The AD7656A consists of six 16-bit ADCs. A simultaneous sample
of all six ADCs can be performed by connecting all three CONVST x
pins together (CONVST A, CONVST B, and CONVST C). The
AD7656A needs to see a CONVST x pulse to initiate a conversion;
this typically consists of a falling CONVST x edge followed by a
rising CONVST x edge. The rising edge of CONVST x initiates
simultaneous conversions on the selected ADCs. The AD7656A
contains an on-chip oscillator that is used to perform the
conversions. The conversion time, tCONVERT, is 3 µs. The BUSY signal
goes low to indicate the end of conversion. The falling edge of
the BUSY signal is used to place the track-and-hold amplifier
into track mode. The AD7656A also allows the six ADCs to be
converted simultaneously in pairs by pulsing the three
CONVST x pins independently. CONVST A is used to initiate
simultaneous conversions on V1 and V2, CONVST B is used to
initiate simultaneous conversions on V3 and V4, and CONVST C
is used to initiate simultaneous conversions on V5 and V6. The
conversion results from the simultaneously sampled ADCs are
stored in the output data registers.
Data can be read from the AD7656A via the parallel data bus
with standard CS and RD signals (W/B = 0). To read the data
over the parallel bus, tie SER/PAR SEL low. The CS and RD
input signals are internally gated to enable the conversion result
onto the data bus. The data lines, the DB0 to DB15 pins, leave
their high impedance state when both CS and RD are logic low.
Rev. 0 | Page 17 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com