Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7656ABSTZ Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD7656ABSTZ Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AD7656ABSTZ Datasheet HTML 18Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 19Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 20Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 21Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 22Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 23Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 24Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 25Page - List of Unclassifed Manufacturers AD7656ABSTZ Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7656A
Data Sheet
The rising edge of CONVST x is used to initiate a conversion on
the AD7656A. After the BUSY signal has gone low to indicate
that the conversion is complete, the user can begin to read the data
from the two devices. Figure 30 shows the serial timing diagram
when operating two AD7656A devices in daisy-chain mode.
The CS falling edge is used to frame the serial transfer from the
AD7656A to take the bus out of three-state and to clock out the
MSB of the first conversion result. In the example shown in
Figure 30, all 12 ADC channels are simultaneously sampled. Two
DOUT x lines are used to read the conversion results in this
example. CS frames a 96-SCLK transfer. During the first 48 SCLKs,
the conversion data is transferred from Device 2 to Device 1.
DOUT A on Device 2 transfers conversion data from V1, V2,
and V5 into DCIN A in Device 1. DOUT B on Device 2 transfers
conversion results from V3, V4, and V6 to DCIN B in Device 1.
During the first 48 SCLKs, Device 1 transfers data into the digital
host. DOUT A on Device 1 transfers conversion data from V1,
V2, and V5. DOUT B on Device 1 transfers conversion data from
V3, V4, and V6. During the last 48-SCLKs, Device 2 clocks out
zeros and Device 1 shifts the data clocked in from Device 2 during
the first 48 SCLKs into the digital host. This example can also
be implemented using six 16-SCLK individually framed transfers if
DCEN remains high during the transfers.
Figure 31 shows the timing if two AD7656A devices are configured
in daisy-chain mode and are operating with three DOUT x
lines. Assuming a simultaneous sampling of all 12 inputs
occurs, the CS frames a 64-SCLK transfer during the read
operation. During the first 32 SCLKs of this transfer, the
conversion results from Device 1 are clocked into the digital
host, and the conversion results from Device 2 are clocked into
Device 1. During the last 32 SCLKs of the transfer, the
conversion results from Device 2 are clocked out of Device 1
and into the digital host. Device 2 clocks out zeros.
DEVICE 1, DOUT A
MSB V1
LSB V1
MSB V2
LSB V2
MSB V5
LSB V5
MSB V1
LSB V1
MSB V2
LSB V5
MSB V1
LSB V1
MSB V2
LSB V2
MSB V5
LSB V5
1
2
3
BUSY
SCLK
CS
15
16
17
31
32
33
47
48
49
63
65
64
94
95
96
DEVICE 1, DOUT B
MSB V3
LSB V3
MSB V4
LSB V4
MSB V6
LSB V6
MSB V3
LSB V3
MSB V4
LSB V6
DEVICE 2, DOUT A
MSB V3
LSB V3
MSB V4
LSB V4
MSB V6
LSB V6
DEVICE 2, DOUT B
CONVST A,
CONVST B,
CONVST C
Figure 30. Daisy-Chain Serial Interface Timing with Two DOUT x Lines
DEVICE 1, DOUT A
MSB V1
LSB V1
MSB V2
LSB V2
MSB V1
LSB V1
MSB V2
LSB V2
MSB V1
LSB V1
MSB V2
LSB V2
1
2
3
BUSY
SCLK
CS
15
16
17
31
32
33
47
48
49
63
64
DEVICE 2, DOUT A
MSB V3
LSB V3
MSB V4
LSB V4
DEVICE 2, DOUT B
DEVICE 1, DOUT B
MSB V3
LSB V3
MSB V4
LSB V4
MSB V3
LSB V3
MSB V4
LSB V4
DEVICE 1, DOUT C
MSB V5
LSB V5
MSB V6
LSB V6
MSB V5
LSB V5
MSB V6
LSB V6
MSB V5
LSB V5
MSB V6
LSB V6
DEVICE 2, DOUT C
CONVST A,
CONVST B,
CONVST C
Figure 31. Daisy-Chain Serial Interface Timing with Three DOUT x Lines
Rev. 0 | Page 22 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com