Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22220 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 7Page - Cirrus Logic CS22220 Datasheet HTML 8Page - Cirrus Logic CS22220 Datasheet HTML 9Page - Cirrus Logic CS22220 Datasheet HTML 10Page - Cirrus Logic CS22220 Datasheet HTML 11Page - Cirrus Logic CS22220 Datasheet HTML 12Page - Cirrus Logic CS22220 Datasheet HTML 13Page - Cirrus Logic CS22220 Datasheet HTML 14Page - Cirrus Logic CS22220 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CS22220 Wireless PCMCIA Controller
11 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
SMA7
Output
Address bit7. Also shared as boot-ROM address bit7. Also used during
reset to latch in the strap value for freq_sel(1). Freq_sel(2:0) is used to
select the multiplication factor for the internal PLL (000=1x, and 111=8x).
SMA8
Output
Address bit8. Also shared as boot-ROM address bit8. Also used during
reset to latch in the strap value for freq_sel(2). Freq_sel(2:0) is used to
select the multiplication factor for the internal PLL (000=1x, and 111=8x).
SMA9
Output
Address bit9. Also shared as boot-ROM address bit9. Also used during
reset to latch in the strap value for sdram_delay(0). Sdram_delay(2:0) is
used to select the delay factor for the internal memory clock (000=0ns,
and 111=1.75ns with each .25ns increments).
SMA10
Output
Address bit10. Also shared as boot-ROM address bit10. Also used during
reset to latch in the strap value for sdram_delay(1). Sdram_delay(2:0) is
used to select the delay factor for the internal memory clock (000=0ns,
and 111=1.75ns with each .25ns increments).
SMA11
Output
Address bit11. Also shared as boot-ROM address bit11. Also used during
reset to latch in the strap value for sdram_delay(2). Sdram_delay(2:0) is
used to select the delay factor for the internal memory clock (000=0ns,
and 111=1.75ns with each .25ns increments).
SMD[7:0]
Bi-directional
Data bus. The data bus contains the data to be written to memory on a
writecycle andthe read return dataonareadcycle.
SMD[15:8]
Bi-directional
Shared data bus. The data bus contains the data to be written to RAM
memory on a write cycle and the read return data on a read cycle. Data
bit [15:8] is also shared as boot ROM address bit [19:12].
Digital Radio Interface
All radio input buffers are Schmitt triggered input buffers. There are total of 26 signals in this
interface.
TXCLK
Input
Transmit clock is a clock input from the radio baseband processor. This
signal is used to clock out the transmit data on the rising edge of TXCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com