Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22220 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 13Page - Cirrus Logic CS22220 Datasheet HTML 14Page - Cirrus Logic CS22220 Datasheet HTML 15Page - Cirrus Logic CS22220 Datasheet HTML 16Page - Cirrus Logic CS22220 Datasheet HTML 17Page - Cirrus Logic CS22220 Datasheet HTML 18Page - Cirrus Logic CS22220 Datasheet HTML 19Page - Cirrus Logic CS22220 Datasheet HTML 20Page - Cirrus Logic CS22220 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
CS22220 Wireless PCMCIA Controller
17 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
Miscellaneous Interface
NTEST
Input
Chip test mode pin. Used in conjunction with SMNCS0, SMDQM[0:1].
Pull up for normal operation
SPIO_0:8,12:15
Bi-directional
Special purpose I/O reserved for supporting custom interfaces.
* Check with Cirrus Logic support for supported options and
usage.
Power and Ground
VCC (5V and 3.3V)
1
Input
5V inputs. There are a total of 3 pins.
VDD (3.3V)
Input
3.3V inputs. There are a total of 22 pins.
VEE (1.8V)
Input
1.8V inputs to the core. There are a total of 9 pins.
VSS
Input
Ground. There are total of 28 pins.
1 5V or 3.3V depending on desired PCMCIA configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com