Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22220 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 23Page - Cirrus Logic CS22220 Datasheet HTML 24Page - Cirrus Logic CS22220 Datasheet HTML 25Page - Cirrus Logic CS22220 Datasheet HTML 26Page - Cirrus Logic CS22220 Datasheet HTML 27Page - Cirrus Logic CS22220 Datasheet HTML 28Page - Cirrus Logic CS22220 Datasheet HTML 29Page - Cirrus Logic CS22220 Datasheet HTML 30Page - Cirrus Logic CS22220 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
CS22220 Wireless PCMCIA Controller
27 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
5.2
PCMCIA Interface Timing Diagrams
Figure 8. Attribute/Common Memory ‘Read’ Timing Diagram
Table 9. Common Memory ‘Read’ Timing Specification
100 ns
Speed Version
Item
Symbol
Min
Max
Read Cycle Time
tcR
100
Address Accesss Time
ta (A)
100
Card Enable Access Time
ta (CE)
100
Output Enable Access Time
ta (OE)
50
Output Disable Time from PC_NOE
tdis (OE)
50
Output Disable Time from PC_NCE
ten (CE)
5
Data Valid from Address Change
tv (A)
0
Address Setup Time
tsu (A)
10
Address Hold Time
th (A)
15
Card Enable Setup Time
tsu (CE)
0
Card Enable Hold Time
th (CE)
15
PC_NWAIT Valid from PC_NOE
tv (WT-OE)
35
PC_NWAIT Pulse Width
tw (WT)
12 us
Data Setup for PC_NWAIT Released
tv (WT)
0
PC_A[25:0], PC_NREG
PC_NCE
PC_NOE
PC_NWAIT
PC_D[15:0]
t
c(R)
t
a(CE)
t
a(A)
t
h(A)
t
v(A)
t
h(CE)
t
dis(CE)
t
dis(OE)
t
su(CE)
t
su(A)
t
a(OE)
t
v(WT-OE)
t
en(OE)
t
v(WT)
t
w(WT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com