Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22220 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 1 Page - Cirrus Logic

  CS22220 Datasheet HTML 1Page - Cirrus Logic CS22220 Datasheet HTML 2Page - Cirrus Logic CS22220 Datasheet HTML 3Page - Cirrus Logic CS22220 Datasheet HTML 4Page - Cirrus Logic CS22220 Datasheet HTML 5Page - Cirrus Logic CS22220 Datasheet HTML 6Page - Cirrus Logic CS22220 Datasheet HTML 7Page - Cirrus Logic CS22220 Datasheet HTML 8Page - Cirrus Logic CS22220 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CS22220 Wireless PCMCIA Controller
1 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
1
Description
The Cirrus Logic CS22220 Wireless Network Controller enables high performance, 11 Megabits per
second digital wireless data connectivity for PCMCIA, mobile, embedded systems and other cost
sensitive applications.
The CS22220 is a highly integrated single-chip PCMCIA solution for wireless networks supporting
video, audio, voice, and data traffic. The programmable controller executes Cirrus Logic’s
Whitecap™2 networking protocol that provides Wi-Fi™ (802.11b) compliance as well as multimedia
and quality of service (QoS) support. The device includes several high performance components
including an ARM7TDMI RISC processor core, a Forward Error Correction (FEC) codec and a
wireless radio MAC supporting up to11 Mbps throughput. The CS22220 utilizes state of the art
0.18um CMOS process and is housed in a 208 FPBGA compact (15mm x 15mm) package, which
has low-lead inductance suitable for highly integrated radio applications. The core is powered at 1.8
V with 3.3V (5.0V tolerant) I/O to reduce overall power consumption. In addition, the CS22220
supports low power management for the host and radio interfaces.
The CS22220 is designed to be an integral part of a PC card (PCMCIA 2.1/JEIDA 4.2). The
PCMCIA host interface also supports both little endian and big endian protocol for easy interfacing
to popular microprocessors in embedded system applications.
Figure 1. Example System Block Diagram
11 Mbps
Wireless
Baseband I/F
CS22220
Wireless
PCMCIA
Controller
802.11b compatible
2.4 GHz
Digital Radio
PHY Transceiver
2.4 GHz Direct Sequence
Spread Spectrum
System Memory
SDRAM (Up to 4MB)
SRAM (Up to 256KB)
PCMCIA Host or Embedded CPU
Networking Data
Boot ROM/Flash
(Upto1MB)
CS22220 Data Sheet
Wireless PCMCIA Controller


Similar Part No. - CS22220

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22210 CIRRUS-CS22210 Datasheet
314Kb / 31P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
WIRELESS PCI/USB CONTROLLER
Rev. 1.0
CS22250 CIRRUS-CS22250 Datasheet
253Kb / 32P
WIRELESS 10BT CONTROLLER
Rev. 3.0
More results

Similar Description - CS22220

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22210 CIRRUS-CS22210 Datasheet
314Kb / 31P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
WIRELESS PCI/USB CONTROLLER
Rev. 1.0
logo
List of Unclassifed Man...
VT83C572 ETC-VT83C572 Datasheet
53Kb / 9P
PCI TO USB CONTROLLER
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
PCMCIA/USB Wireless LAN Medium Access Controller
April 2001
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
PCMCIA/USB Wireless LAN Medium Access Controller
June 2001
logo
NXP Semiconductors
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 NXP-ISP1563 Datasheet
486Kb / 103P
Hi-Speed USB PCI host controller
Rev. 03-18 November 2008
ISP1564 NXP-ISP1564 Datasheet
492Kb / 99P
Hi-Speed USB PCI host controller
Rev. 02-13 November 2008
logo
PLX Technology
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
logo
VIA Technologies, Inc.
VT6212 VIA-VT6212 Datasheet
452Kb / 26P
PCI USB 2.0 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com