Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22220 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 20Page - Cirrus Logic CS22220 Datasheet HTML 21Page - Cirrus Logic CS22220 Datasheet HTML 22Page - Cirrus Logic CS22220 Datasheet HTML 23Page - Cirrus Logic CS22220 Datasheet HTML 24Page - Cirrus Logic CS22220 Datasheet HTML 25Page - Cirrus Logic CS22220 Datasheet HTML 26Page - Cirrus Logic CS22220 Datasheet HTML 27Page - Cirrus Logic CS22220 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CS22220 Wireless PCMCIA Controller
24 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
5.1
AC Characteristics and Timing
Table 7. System Memory Interface Timings
Parameter
Parameter Description
Min
Max
Units
tdSMD
SMCLK to SMD[31:0] output delay
7
ns
tdSMA
SMCLK to SMA[11:0] output delay
4.7
ns
tdSMDQM
SMCLK to SMDQM[3:0] output delay
5.1
ns
tdSMNCS
SMCLK to SMNCS[1:0] output delay
4.1
ns
tdSMNWE
SMCLK to SMNWE output delay
4.5
ns
tdSMCKE
SMCLK to SMCKE output delay
4.3
ns
tdSMNCAS
SMCLK to SMNCAS output delay
4.0
ns
tdSMNRAS
SMCLK to SMNRAS output delay
5.0
ns
TperSMCLK
SMCLK period
72
103
ns
TsuSMD
SMD[31:0] setup to SMCLK
1.0
ns
ThSMD
SMD[31:0] hold from SMCLK
2.4
ns
Notes:
1.
Outputs are loaded with 35pf on SMD, 25pf on SMA, SMDQM, SMNRAS, and SMNCAS and 20pf on SMCLK,
SMNCS, and SMCKE.
2.
An attempt has been made to balance the setup time needed by the SDRAM and the setup needed by CS22210 to
read data. If there is a problem meeting setup on the SDRAM, there is a programmable delay line on SMCLK which
can help meet the setup time. Care must be taken, however, not to violate the setup on the return read data. The
delay can be increased by a multiple of 0.25ns by using the SMA[11:09] pins to selectively set the clock delay .
SMCLK
SMD[15:0]
SMA[13:0]
SMDQM[1:0]
SMNCS[1:0]
SMNWE
SMCKE
SMNRAS
SMNCAS
WRITE DATA
WRITE DATA
ROW ADDR
COLUMN ADDR
ROW ADDR
tdSMCKE
tdSMNRAS
tdSMNCAS
tdSMNWE
tdSMA
tdSMD
tdSMDQM
tdSMNCS
Figure 5. System Memory Interface ‘Write’ Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com