Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22220 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 19Page - Cirrus Logic CS22220 Datasheet HTML 20Page - Cirrus Logic CS22220 Datasheet HTML 21Page - Cirrus Logic CS22220 Datasheet HTML 22Page - Cirrus Logic CS22220 Datasheet HTML 23Page - Cirrus Logic CS22220 Datasheet HTML 24Page - Cirrus Logic CS22220 Datasheet HTML 25Page - Cirrus Logic CS22220 Datasheet HTML 26Page - Cirrus Logic CS22220 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
CS22220 Wireless PCMCIA Controller
23 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
5
Specifications
Table 3. Absolute Maximum Ratings
Symbol
Parameter
Limits
Units
VEE
Voltage at Core
-0.18 to 2.0
V
VDD
DC Supply ( I/O)
-0.3 to 3.9
V
VIN
Input Voltage
-0.1 to VDD +0.3
V
IIN
DC Input Current
+/- 10
µA
TSTGP
Storage Temperature
Range
-40 to 125
°C
Table 4. Recommended Operating Conditions
Symbol
Parameter
Limits
Units
VDD
VEE
DC Supply
3.15 to 3.60 (3V I/O)
1.6 to 2.0 (core)
V
XTALIN
Input frequency
1
44
MHz
FTCK
JTAG clock frequency
0 to 10
MHz
TA
Ambient Temperature
0 to +70
°C
TJ
Junction Temperature
0 to +105
°C
Notes:
1.
The XTALIN & XTALOUT pins have minimal ESD protection.
2.
This device may have ESD sensitivity above 500V HBM per JESD22-A114. Normal ESD precautions
need to be followed.
Table 5. Capacitance
Symbol
Parameter
Value
Units
CIN
Input Capacitance
3.4
pF
COUT
Output Capacitance
4.0
pF
Table 6. DC Characteristics
Symbol Parameter
Condition
Min
Typ.
Max
Units
VIL
Voltage Input Low
-0.50
0.3 * VDD
V
VIH
Voltage Input High
0.7 * VDD
VDD +0.3
V
VOL
Voltage Output Low
IOL = 800
µA
VSS +0.1
V
VOH
Voltage Output High
IOH = 800
µA
VSS -0.1
V
IIL
Input Leakage Current
VIN =VSS or VDD
-10
10
µA
IOZ
3-State Output Leakage Current VOH =VSS or VDD
-10
10
µA
IDD
IEE
Dynamic Supply Current
Note 1
VDD =3.3V
VDD =1.8V
35
135
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com