Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22220 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS22220 Datasheet HTML 12Page - Cirrus Logic CS22220 Datasheet HTML 13Page - Cirrus Logic CS22220 Datasheet HTML 14Page - Cirrus Logic CS22220 Datasheet HTML 15Page - Cirrus Logic CS22220 Datasheet HTML 16Page - Cirrus Logic CS22220 Datasheet HTML 17Page - Cirrus Logic CS22220 Datasheet HTML 18Page - Cirrus Logic CS22220 Datasheet HTML 19Page - Cirrus Logic CS22220 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
CS22220 Wireless PCMCIA Controller
16 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
nPCWAIT
Output
The wait signal is asserted by a PC card to delay completion of the
memory access or I/O access.
nIOIS16
Output
The nIOIS16 output signal is asserted when the address at the socket
corresponds to an I/O address to which the card responds, and the I/O
port addressed is capable of 16-bit access.
nPCINPACK
Output
Input port acknowledge. This output signal is asserted when the PC card
is selected and can respond to an I/O read cycle at the address on the
address bus.
nPCIORD
Input
The host asserts nIORD to read data from a PC card’s I/O space.
nPCIOWR
Input
The host asserts nPCIOWR to write data to a PC card’s I/O space.
System and PC Card Reset
EXT_RESET
Input
The reset signal clears the configuration option register and places the
card in an unconfigured state.The system must place the RESET signal in
a high-Z state during card power up. The signal must remain high
impedance for at least 1 msec after Vcc becomes valid.
JTAG Interface
TDO
Output
Test data output. This input has an integral pull up.
TDI
Input
Test data input.
TCK
Input
Test clock signal.
TMS
Input
Test mode select. This input has an internal pull up.
nTRST
Input
Test interface reset. This input has an internal pull up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com