Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22220 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 5 Page - Cirrus Logic

  CS22220 Datasheet HTML 1Page - Cirrus Logic CS22220 Datasheet HTML 2Page - Cirrus Logic CS22220 Datasheet HTML 3Page - Cirrus Logic CS22220 Datasheet HTML 4Page - Cirrus Logic CS22220 Datasheet HTML 5Page - Cirrus Logic CS22220 Datasheet HTML 6Page - Cirrus Logic CS22220 Datasheet HTML 7Page - Cirrus Logic CS22220 Datasheet HTML 8Page - Cirrus Logic CS22220 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS22220 Wireless PCMCIA Controller
5 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
3.1
Embedded ARM Core and System Support Logic
The processing elements of the CS22220 include the ARM7TDMI core and its associated
system control logic.
The ARM processor and system controller consists of a memory
management unit, 4-KB write through cache controller, 20 IRQ and 4 FIRQ interrupt
controller, and 2 general purpose timers. The ARM processor and integrated system
support logic provide the necessary execution engine to support a real time multi-tasking
operating system, the network protocol stack, and firmware services.
Memory Management Unit
ARM instructions and data are fetched from system memory a cache-line (4/8 – Dwords
/Programmable) at a time when caching is turned on. During a cache line fill, critical word
data, i.e., the access that caused the miss, is forwarded to the ARM and also written into
the data RAM cache. The non-critical words in the line fetched following the critical word
are then written to the cache on a Dword basis, as they become available.
Memory writes are posted to dual 4-Dwords (32-bit) memory write posting buffers. Write
posts use the sequential addressing feature on the memory bus. With dual buffering an out
of sequence write will post to one write buffer while the other buffer is flushed to memory.
There is one 8Dword Read Buffer in the MEM block. The buffer is used for both cacheable
and non-cacheable memory space.
Interrupt Controller
The interrupt controller provides two interrupt channels to the ARM processor.
One
interrupt channel is presented to the ARM on its nFIQ, and the other channel is presented
on its nIRQ pin. These are referred to as the FIQ channel and the IRQ channel. Both
channels operate in identical but independent fashion. The FIQ channel has a higher
priority on the ARM processor than the IRQ channel.
The interrupt controller includes a CONTROL register for each logical interrupt in the ARM
Complex. The CONTROL register serves the following main purposes:
•
Provides the mapping between the EXT_INT inputs (physical interrupts) and the logical
interrupt
•
Selects the particular type of signaling expected on the EXT_INT inputs: level, edge,
active level high/low etc.
•
Enable or disable a logical interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com