Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
A22E
Lamp
LED
Note: For voltage-reduction lighting, use the A22-24AR.
Incandescent
Switch (Standard Load)
Without Voltage Reduction Unit
With Voltage Reduction Unit
Note: 1. The above illustrations are for the DPST-NO contact.
2. When using with a Voltage Reduction Unit, use the A22-24AR.
Appearance
LED light
Rated voltage
Model
Red
Standard
6 VDC
A22-6DR
6 VAC
A22-6AR
12 VAC/VDC
A22-12AR
24 VAC/VDC
A22-24AR
Bright
24 VAC/VDC
A22-24ASR
Appearance
Rated voltage
Model
6 VDC
A22-5
14 VAC
A22-12
28 VAC
A22-24
130 VAC
A22-H1
Classification
Appearance
Switch Action
Momentary
Momentary
Contacts
For standard loads
SPST-NO
A22-10M
A22L-10M
SPST-NC
A22-01M
A22L-01M
SPST-NO + SPST-NC A22-11M
A22L-11M
DPST-NO
A22-20M
A22L-20M
DPST-NC
A22-02M
A22L-02M
Non-lighted
Lighted
Classification
Appearance
Switch Action
Momentary
Momentary
Contacts
For standard loads
SPST-NO
A22L-10M-T1
A22L-10M-T2
SPST-NC
A22L-01M-T1
A22L-01M-T2
SPST-NO + SPST-NC A22L-11M-T1
A22L-11M-T2
DPST-NO
A22L-20M-T1
A22L-20M-T2
DPST-NC
A22L-02M-T1
A22L-02M-T2
Lighted (110 VAC)
Lighted (220 VAC)
http://www.ia.omron.com/
7
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com