Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
A22E
20.4±1.5
BA9S/13
Model indication
Lamp
LED A22-6
@, 12@, 24@
28 max.
BA9S/13
Incandescent Lamp A22-5, 12, 24, H1
4-4
× 38 tapping screw
22.1±
0.3
0.1 dia.
10
(10
× 36) 0.6 depression
75
20.5±0.1
Two, 21 dia.
Side lead draw-out hole
Control Box
A22Z-B101Y (1 hole)
16±1 dia.
(Side lead draw-out hole)
32
39
Two, mounting holes
Cable Draw-out Hole (Top View)
E-stop Shroud
A22Z-EG1
Sunken
section, 0.2
Switch guard
75
2.8
20.5
63
90 dia. 78 dia.
38
52.2 max.
30 40
75 min.
(Determined by the
height of the Switch
surface in the
lock position.)
22.2 dia.
33 dia.
Panel Cutout Dimensions
Allowable panel thickness: 1 to 3 mm
R5
EMERGENCY OFF
inscription plate (t=1)
Rubber packing (t=0.5)
Rubber packing (t=0.5)
Locking ring
Mounting panel
2 1
Panel
Switch Unit
A22E-M
2.5
8
R1.7
22.3
24.2
±0.2
Note 1: The dimensions of the Shroud conform to the
specifications of the SEMATECH Application Guide
for SEMI S2-93.
2: These Shrouds are designed for use only in
semiconductor manufacturing equipment.
Do not use them for any other application.
3: The Shroud is not provided with the Switch.
+0.1
0
+0.4
0
+0.5
−1.5
http://www.ia.omron.com/
13
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com