Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
A22E
■ Panel Cutouts
A Lock Ring is provided as a standard feature.
Note: 1. When painting or coating the panel, make sure that the
specified panel dimensions apply to the panel after painting
or coating.
2. Use an A22Z-R25 Ring when mounting to a panel with a
25-mm diameter hole.
12
R2
M90
35
3
20.6
22.2 dia.
2.8
79 dia.
98 dia.
105 dia.
The number of spacers depends
on the model (See note 1.)
Detents
inside
(One on
each side)
95
+0.2
0
5.5
+0.2
0
90.3
+0.4
0
dia.
20
23
10
13
Panel
Panel
Spacers
Spacer
88 max.
105 max.
DPST-NC One-piece
Contact Unit
NC Contact Unit
Position of
detent
notch
Position of
detent
notch
Panel
Panel
With 1 Spacer
With 2 Spacers
Panel Cutout Dimensions
Mounting a 1-pole Switch Unit
(See note 4.)
Mounting a 2-pole Switch Unit
(See note 4.)
E-stop Shroud
A22Z-EG2, A22Z-EG21, A22Z-EG22
Note 1: The dimensions of the Shroud conform to the
specifications of the SEMATECH Application Guide
for SEMI S2-93.
2: These Shrouds are designed for use only in
semiconductor manufacturing equipment.
Do not use them for any other application.
3: The Shroud is not provided with the Switch.
Note: 1. The number of Spacers that are combined
depends on the model.
2. Tighten to a torque of 1.96 to 2.94 N m.
3. The allowable panel thicknesses are as follows:
Without Spacers: t=1.3 to 22.5 mm
With 1 Spacer:
t=1.3 to 12.5 mm
With 2 Spacers: t=1.3 to 2.5 mm
4. These are the dimension from the front of the
panel when the Switch Unit is attached.
Model
No. of Spacers
A22Z-EG2
0
A22Z-EG21
1
A22Z-EG22
2
Without Lock Fitting
With Lock Fitting
R0.8 max.
3.2
+0.2
0
24.1
+0.4
0
22.3
+0.4 dia.
0
25
+0.5 dia.
0
22.3
+0.4 dia.
0
http://www.ia.omron.com/
14
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com