Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
A22E
Safety Precautions
Be sure to read the precautions for all pushbutton switches in the
Pushbutton Switches Group Catalog (Cat. No. X018).
!CAUTION
■ Precautions for Correct Use
Mounting
• Always make sure that the power is turned OFF before wiring the
Switch. Also, do not touch the terminals or other current-carrying
ports while power is being supplied. Electric shock may occur.
• Do not tighten the mounting ring more than necessary using tools
such as pointed-nose pliers. Doing so will damage the mounting
ring. The tightening torque is 0.98 to 1.96 N·m.
• Recommended panel thickness: 1 to 5 mm.
Wiring
• When DC-specific LEDs are used, wire the Switch so that the X1
terminal is positive.
• Terminal screws must be Phillips or slotted M3.5 screws with a
square washer.
• The tightening torque is 1.08 to 1.27 N·m.
• Single wires, stranded wires, and crimp terminals can be
connected to the Switch.
• Applicable Wiring Materials:
Twisted strands: 2 mm2 max.
Solid wire: 1.6 mm dia.
• After wiring the Switch, maintain an appropriate clearance and
creepage distance.
Operating Environment
• The IP65 model is designed with a protective structure so that it will
not sustain damage if it is subjected to water from any direction to
the front of the panel.
LEDs
• The LED current-limiting resistor is built-in, so internal resistance is
not required.
• If commercially available LEDs are used, select the ones that meet
the following conditions:
Base: BA9S/13
@
Overall length: 26 mm max.
Power consumption: 2.6 W max.
Using the Microload
• Contact failure may occur if a Switch designed for a standard load
is used to switch a microload. Use Switches within the application
ranges shown in the following graph. Even within the application
range, insert a contact protection circuit, if necessary, to prevent
the reduction of life expectancy due to extreme wear on the
contacts caused by loads where inrush current occurs when the
contact is opened and closed.
The minimum applicable load is the N-level reference value. This
value indicates the malfunction reference level for the reliability
level of 60% ( 60) (conforming to JIS C5003).
The equation,
60 = 0.5 x 10 6/time indicates that the estimated
malfunction rate is less than 1/2,000,000 with a reliability level of
60%.
Others
• If the panel is to be coated, make sure that the panel meets the
specified dimensions after coating.
• Due to the structure of the Switch, severe shock or vibration may
cause malfunctions or damage to the Switch. Also, most Switches
are made from resin and will be damaged if they come into contact
with sharp objects. Particularly scratches on the Operation Unit
may create visual and operational obtrusions. Handle the Switches
with care, and do not throw or drop them.
Do not apply a voltage exceeding the rated voltage across the
incandescent lamp terminals.
The lamp may be destroyed and the operation unit may fly out.
8 mm max.
16.0 mm max.
8 mm dia. max.
16.0 mm max.
Naked Crimp Terminals
20.2 mm max.
8 mm max.
20.2 mm max.
8 mm dia. max.
Crimp Terminals with
Insulating Sheaths
Invalid
area
0.1
1
10
100
1,000
10 mA
1 mA
5
12
24
30
0.16 mA
1.6 mA
100 mA
0
Microload area
Area of
use
Standard
load area
Current (mA)
Hammer
Screwdriver
Do not allow the
Switch to drop and hit
the floor.
Do not place or drop
heavy objects on the
Switch.
Do not operate the
Switch with hard or
sharp objects.
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. A119-E1-06
http://www.ia.omron.com/
19
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com