Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
A22E
Installation
Mounting to the Panel
(1) Preparing the Panel
(2) Matrix Mounting
• The panel dimensions are shown below.
• The panel thickness must be 1 to 5 mm.
• Always use a 25-mm-dia. Lock Ring for a 25-mm-dia. hole.
IP65 degree of protection will be lost if the 25-mm-dia. Lock Ring is not
used because of the larger size of a 25-mm-dia. hole.
• When painting or coating the panel, make sure that the specified panel
dimensions apply to the panel after painting or coating.
(3) Mounting the Operation Unit on the Panel
• Insert the Operation Unit from the front surface of the panel, insert the Lock
Ring and the mounting nut from the terminal side, then tighten the nut.
Before tightening, check that the rubber washer is present between the
Operation Unit and the panel.
• When using a Legend Plate Frame, put one rubber washer each between
the Legend Plate Frame and the panel and between the Operation Unit and
the Legend Plate Frame. (One rubber washer will be provided when one
Legend Plate Frame is ordered.)
• Align the Lock Ring with the groove in the casing, then insert the Lock Ring
so that its edge is located on the panel side.
• Tighten the mounting nut at a torque of 0.98 to 1.96 N·m.
• When using a Lock Ring, replace with the supplied Lock Ring, insert the
projecting part into the lock slot, and then tighten the mounting nut.
(4) Mounting the Switch on the Operation Unit
• Insert the Operation Unit into the Switch Unit, aligning the arrow mark inscribed on
the Case with the lever on the Switch Blocks, then move the lever in the direction
indicated by the arrow in the following figure.
(5) Removing the Switch
• Move the lever in the direction indicated by the arrow in the following figure, then pull
the Operation Unit or the Switch Blocks.
Since the lever has a hole with an inside diameter of 6.5 mm, the lever can be moved
in the specified direction by inserting a screwdriver into the hole and then moving the
screwdriver.
22.3
+0.4
0
dia.
25
+0.5
0
dia.
22.3
+0.4
0
dia.
24.1
+0.4
0
3.2
+0.2
0
R0.8 max.
With Lock Ring
Without Lock Ring
1. The following diagram provides
the dimensions for mounting
individual Switches, Legend
Plates, and Lock Rings with leads
connected directly to Switch
terminals.
30
A
2. The following diagram provides the
dimensions for mounting Large Legend
Plates with crimp terminals connected
to Switch terminals.
30
B
Dimensions A and B between mounting hole centers are given in the following tables.
For 1., Above
For 2., Above
Note: 1. The above dimensions are the minimum dimensions when using the
applicable wiring materials listed on page 19. If any other materials are used,
check the suitability of dimensions in advance.
2. When using pushbuttons exceeding 30 mm, adjust dimension A or B
accordingly. (When mounting the A22-M
@ in a matrix, “30 mm” would have
to be increased to 40 mm.
Switch model
Dimension A
A22-10, A22-10S, A22-01, A22-01S
45 mm min.
A22-20, A22-20S, A-22-02, A22-02S, A22-11, A22-11S
55 mm min.
Type of crimp terminal
Switch model
Dimension B
Naked crimp terminals
A22-10, A22-10S, A22-01, A22-01S
51 mm min.
A22-20, A22-20S, A22-02, A22-02S,
A22-11, A22-11S
61 mm min.
Crimp terminals with
insulating sheaths
A22-10, A22-10S, A22-01, A22-01S
60 mm min.
A22-20, A22-20S, A22-02, A22-02S,
A22-11, A22-11S
70 mm min.
Hold here
Mounting nut
Lock Ring
Rubber washer
Panel
Panel
Lock Ring
Pro-
jecting
part
1. When the panel cutout dimension
is 25 dia., remove the supplied
rubber washer and mount the 25-
dia. Ring as shown below. (Since
the A22Z-R25 is not attached to
the main body, order separately.)
22 dia.
22.3 dia.
25 dia.
25 dia.
22.3 dia.
0.5
1.3
Panel
Lock Ring
Mounting nut
25-dia. Ring
(A22Z-R25)
Operation Unit
2. When the panel cutout
dimension is 25 dia., remove the
supplied rubber washer and
mount the 25-dia. Ring as shown
below. (Since the A22Z-R25 is
not attached to the main body,
order separately.)
Operation Unit
Rubber washer
(mounted to
Operation Unit)
30-dia.
Resin Attachment
(A22Z-A30)
Rubber washer
(included)
Mounting
panel
Lock Ring
Mounting
Ring
Operation Unit
Arrow mark
Lever
Screwdriver
http://www.ia.omron.com/
16
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com