Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
A22E
■ Characteristics
Note: 1. With no icing or condensation.
2. Malfunction within 1 ms.
3. Setting and resetting once is counted as one operation.
4. The degree of protection from the front of the panel.
Item
Emergency Stop Switches
Non-lighted model: A22E
Lighted model: A22EL
Allowable operating
frequency
Mechanical
30 operations/minute max. (See note 3.)
Electrical
30 operations/minute max. (See note 3.)
Insulation resistance
100 M
min. (at 500 VDC)
Dielectric strength
Between terminals of same polarity 2,500 VAC, 50/60 Hz for 1 min
Between each terminal and ground 2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude (See note 2.)
Shock resistance
Destruction
1,000 m/s2
Malfunction (See note 2.)
250 m/s2 max.
Durability
Mechanical
300,000 operations min. (See note 3.)
Electrical
300,000 operations min. (See note 3.)
Ambient operating temperature (See note 1.)
20 to 70 C
20 to 55 C
Ambient operating humidity
35% to 85%
Ambient storage temperature
40 to 70 C
Degree of protection
IP65 (oil-resistant) (See note 4.)
IP65 (See note 4.)
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (EN60947-5-1)
http://www.ia.omron.com/
10
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com