Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
A22E
Model Number Structure
■ Model Number Legend
Completely Assembled
Shipped as a set which includes the Operation Unit, Lamp (lighted models only), and Switch.
1
2
3
4
5
L
MP
LP
S
M
L
SK
MK
6D
6 VDC
6A
6 VAC
12A
12 VAC/VDC
24A
24 VAC/VDC
T1
100 VAC
T2
200 VAC
01
11
02
A22E
@-@-@-@-@
1. Lighted/Non-lighted
Code
Description
None Non-lighted
Lighted (See note.)
2. Head Size
Code
Push-pull
Large
60 dia.
Small
30 dia.
Medium
40 dia.
Large
60 dia.
Small
30 dia.
Medium
40 dia.
3. Light Source
Code
Operating Voltage
None Non-lighted
LED
With Voltage Reduction Unit
None Non-lighted
LED
Without Voltage Reduction Unit
4. Contacts
Code
Description
SPST-NC
SPST-NO + SPST-NC
DPST-NC
Note: Lighted Emergency Stop
Switches are available only
for the medium (M). push-
lock turn-reset models.
Note: 1 The LED lamp (24 VAC/VDC) can be
lit by directly applying 110 VAC/VDC
(220 VAC/VDC) to the lamp terminal.
LED incorporates the 24-VAC/VDC
models.
2. Equipped with 24-VAC/DC LED.
None
B
5. Configuration
Code
Configuration
Switch only
Switch with Integrated
Control Box
Description
Size
Medium
40 dia.
Push-lock turn-reset
Push-lock key reset
http://www.ia.omron.com/
2
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com