Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
A22E
Control Box (Enclosure)
Installing/Removing the Switch Blocks
(1) Mounting the Switch
(2) Creating a Cable Port Hole
The Standard-size Legend Plate Frame can be mounted. Mount the Frame as
shown in the following diagram. Mount the Switch in the same way as for an
ordinary panel.
Place the tip of a screwdriver on the surface where the cable port hole is to be
created with the cover attached and strike the screwdriver to punch a hole.
Attempts to punch a hole on the other side of the case will damage the Box.
(3) Securing the Connector Cable
1. Insert the connector into the cable port hole in the Box and secure with the fixing nut inside the box.
2. Open a hole in the thin rubber section of the rubber ring.
3. Pass the tightening cap through the cable, insert the cable into the connector, and tighten the hexagonal nut to secure the cable.
(1) Installing the Switch Blocks
(2) Removing the Switch Blocks
Wiring
• Hook the small protrusion on the Mounting Latch
into the groove on the other side of the lever, then
push up the Switch Block in the direction indicated
by the arrow in the figure below.
• Insert a screwdriver between the Mounting Latch
and the Switch Block, then push down the
screwdriver in the direction indicated by the arrow
in the following figure.
• Loosen the terminal screw from the Switch
Unit until it completely comes off the groove,
insert a screwdriver as shown in the following
figure, then push up the washer in the
direction indicated by the arrow to temporarily
secure it. Now, a round crimp terminal can be
connected. After inserting the terminal,
tighten the screws to complete wiring.
Snap-in Legend Plate
Lock nut
Rubber washer
Connector
Outside
Inside
Box
Cable
Tightening
Cable diameter
Connector
7 to 9 dia.
A22Z-3500-1
9 to 11 dia.
A22Z-3500-2
Switch block
Protrusion
Lever
Mounting
Latch
Use either of the following screwdrivers.
Flat-head screwdriver
3 to 6 mm
3 to 6 mm dia.
Phillips screwdriver
Screwdriver
Screwdriver
Washer
Screw
http://www.ia.omron.com/
18
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com