Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Micro
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 3Page - Dallas Semiconductor DS80C310 Datasheet HTML 4Page - Dallas Semiconductor DS80C310 Datasheet HTML 5Page - Dallas Semiconductor DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor DS80C310 Datasheet HTML 10Page - Dallas Semiconductor DS80C310 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DS80C310
7 of 23
SPECIAL FUNCTION REGISTERS
Special Function Registers (SFRs) control most special features of the DS80C310. The High-Speed
Microcontroller User’s Guide describes all SFRs. Functions that are not part of the standard 80C32 are in
bold.
SPECIAL FUNCTION REGISTERS Table 2
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADDRESS
SP
DPL
DPH
DPL1
DPH1
DPS
0
0
0
0
0
0
0
SEL
PCON
SMOD
SM0D0
-
-
GF1
GF0
STOP
IDLE
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
GATE
C/ T
M1
M0
GATE
C/ T
M1
M0
TL0
TL1
TH0
TH1
CKCON
-
-
T2M
T1M
T0M
MD2
MD1
MD0
P1
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
EXIF
IE5
IE4
IE3
IE2
-
-
-
-
SCON
SMO/FE
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
P2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
IE
EA
-
ET2
ES0
ET1
EX1
ET0
EX0
SADDR0
P3
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
IP
-
-
PT2
PSO
PT1
PX1
PT0
PX0
SADEN0
STATUS
0
HIP
LIP
1
1
1
1
1
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/ T2
CP/RL2
T2MOD
-
-
-
-
-
-
T2OE
DCEN
RCAP2L
RCAP2H
TL2
TH2
PSW
CY
AC
F0
RS1
RS0
OV
FL
P
WDCON
-
POR
-
-
-
-
-
-
ACC
EIE
-
-
-
-
EX5
EX4
EX3
EX2
B
EIP
-
-
-
-
PX5
PX4
PX3
PX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com