Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Micro
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 9Page - Dallas Semiconductor DS80C310 Datasheet HTML 10Page - Dallas Semiconductor DS80C310 Datasheet HTML 11Page - Dallas Semiconductor DS80C310 Datasheet HTML 12Page - Dallas Semiconductor DS80C310 Datasheet HTML 13Page - Dallas Semiconductor DS80C310 Datasheet HTML 14Page - Dallas Semiconductor DS80C310 Datasheet HTML 15Page - Dallas Semiconductor DS80C310 Datasheet HTML 16Page - Dallas Semiconductor DS80C310 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DS80C310
13 of 23
AC ELECTRICAL CHARACTERISTICS
25 MHz
VARIABLE CLOCK
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
NOTES
Oscillator Freq. (Ext. Osc.)
(Ext. Crystal)
1/tCLCL
0
1
33
33
0
1
33
33
MHz
ALe Pulse Width
tLHLL
40
1.5tCLCL-5
ns
Port 0 Address Valid to ALE Low
tAVLL
10
0.5tCLCL-5
ns
Address Hold after ALE Low
tLLAX1
10
0.5tCLCL-5
ns
ALE Low to Valid Instruction In
tLLIV
56
2.5tCLCL-20
ns
ALE Low to
PSEN Low
tLLPL
10
0.5tCLCL-5
ns
PSEN Pulse Width
tPLPH
55
2tCLCL-5
ns
PSEN Low to Valid Instr. In
tPLIV
41
2tCLCL-20
ns
Input Instruction Hold after
PSEN
tPXIX
0
0
ns
Input Instruction Float after
PSEN
tPXIZ
26
tCLCL-5
ns
Port 0 Address to Valid Instr. In
tAVIV
71
3tCLCL-20
ns
Port 2 Address to Valid Instr. In
tAVIV2
81
3.5tCLCL-25
ns
PSEN Low to Address Float
tPLAZ
0
0
ns
NOTES FOR AC ELECTRICAL CHARACTERISTICS
All parameters apply to both commercial and ind ustrial temperature range operation unless otherwise
noted. All signals characterized with load capacitance of 80 pF except Port 0, ALE,
PSEN , and WR with
100 pF. Interfacing to memory devices with float times (turn off times) over 25 ns may cause contention.
This will not damage the parts, but will cause an increase in operating current. Specifications assume a
50% duty cycle for the oscillator. Port 2 and ALE timing will change in relation to duty cycle variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com