Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Micro
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 5Page - Dallas Semiconductor DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor DS80C310 Datasheet HTML 10Page - Dallas Semiconductor DS80C310 Datasheet HTML 11Page - Dallas Semiconductor DS80C310 Datasheet HTML 12Page - Dallas Semiconductor DS80C310 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DS80C310
9 of 23
DUAL DATA POINTER
Data memory block moves can be accelerated using the DS80C310 Dual Data Pointer (DPTR). The
standard 8032 DPTR is a 16-bit value that is used to address off-chip data RAM or peripherals. In the
DS80C310, the standard data pointer is called DPTR and is located at SFR addresses 82h and 83h. These
are the standard locations. No modification of standard code is needed to use DPTR. The new DPTR is
located at SFR 84h and 85h and is called DPTR1. The DPTR Select bit (DPS) chooses the active pointer
and is located at the lsb of the SFR location 86h. No other bits in register 86h have any effect and are set
to 0. The user switches between data pointers by toggling the lsb of register 86h. The increment (INC)
instruction is the fastest way to accomplish this. All DPTR-related instructions use the currently selected
DPTR for any activity. Therefore only one instruction is required to switch from a source to a destination
address. Using the Dual Data Pointer saves code from needing to save source and destination addresses
when doing a block move. Once loaded, the software simply switches between DPTR0 and 1. The
relevant register locations are as follows.
DPL
82h
Low byte original DPTR
DPH
83h
High byte original DPTR
DPL1
84h
Low byte new DPTR
DPH1
85h
High byte new DPTR
DPS
86h
DPTR Select (lsb)
STOP MODE ENHANCEMENTS
Setting bit 1 of the Power Control register (PCON; 87h) invokes the Stop mode. Stop mode is the lowest
power state since it turns off all internal clocking. The ICC of a standard Stop mode is approximately 1
µA
(but is specified in the Electrical Specifications). The CPU will exit Stop mode from an external interrupt
or a reset condition. Internally generated interrupts are not useful since they require clocking activity.
The DS80C310 allows a resume from Stop using an INT2-5, which are edge-triggered interrupts. The
start-up timing is managed by an internal crystal counter. A delay of 65,536 clocks occurs to give the
crystal enough time to start and stabilize.
PERIPHERAL OVERVIEW
The DS80C310 provides the same peripheral functions as the standard 80C32. It is compatible with the
DS80C320 but does not offer all of the peripherals.
TIMER RATE CONTROL
There is one important difference between the DS80C310 and 8051 regarding timers. The original 8051
used 12 clocks per cycle for timers as well as for machine cycles. The DS80C310 architecture normally
uses 4 clocks per machine cycle. However, in the area of timers and serial ports, the DS80C310 will
default to 12 clocks per cycle on reset. This allows existing code with real-time dependencies such as
baud rates to operate properly.
If an application needs higher speed timers or serial baud rates, the user can select individual timers to run
at the 4-clock rate. The Clock Control register (CKCON; 8Eh) determines these timer speeds. When the
relevant CKCON bit is a logic 1, the DS80C310 uses 4 clocks per cycle to generate timer speeds. When
the bit is a 0, the DS80C310 uses 12 clocks for timer speeds. The reset condition is a 0. CKCON.5 selects
the speed of Timer 2. CKCON.4 selects Timer 1 and CKCON.3 selects Timer 0. Note that unless a user
desires very fast timing, it is unnecessary to alter these bits. Note that the timer controls are independent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com