Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Micro
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor DS80C310 Datasheet HTML 10Page - Dallas Semiconductor DS80C310 Datasheet HTML 11Page - Dallas Semiconductor DS80C310 Datasheet HTML 12Page - Dallas Semiconductor DS80C310 Datasheet HTML 13Page - Dallas Semiconductor DS80C310 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DS80C310
10 of 23
POWER ON RESET
The DS80C310 will hold itself in reset during a power-up until 65,536 clock cycles have elapsed. The
power-on reset used by the DS80C310 differs somewhat from other members of the High-Speed
Microcontroller family. The crystal oscillator may start anywhere between 1.0V and 4.5V but is not
specified. This eliminates the need for an RC reset circuit. For voltage-specific precision brownout
detection, an external component will be needed. When the device goes through a power-on reset, the
POR flag will be set in the WDCON (D8h) register at bit 6.
INTERRUPTS
The DS80C310 provides 10 interrupt sources with two priority levels. Software can assign high or low
priority to all sources. All interrupts that are new to the 8051 have a lower natural priority than the
originals.
INTERRUPT SOURCES AND PRIORITIES Table 4
NAME
DESCRIPTION
VECTOR
NATURAL
PRIORITY
INT0
External Interrupt 0
03h
1
TF0
Timer 0
0Bh
2
INT1
External Interrupt 1
13h
3
TF1
Timer 1
1Bh
4
SCON
T1 or R1 from the serial port
23h
5
TF2
Timer 2
2Bh
6
INT2
External Interrupt 2
43h
7
INT3
External Interrupt 3
4Bh
8
INT4
External Interrupt 4
53h
9
INT5
External Interrupt 5
5Bh
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com