Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Micro
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 15Page - Dallas Semiconductor DS80C310 Datasheet HTML 16Page - Dallas Semiconductor DS80C310 Datasheet HTML 17Page - Dallas Semiconductor DS80C310 Datasheet HTML 18Page - Dallas Semiconductor DS80C310 Datasheet HTML 19Page - Dallas Semiconductor DS80C310 Datasheet HTML 20Page - Dallas Semiconductor DS80C310 Datasheet HTML 21Page - Dallas Semiconductor DS80C310 Datasheet HTML 22Page - Dallas Semiconductor DS80C310 Datasheet HTML 23Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
DS80C310
23 of 23
PKG
44-PIN
DIM
MIN
MAX
A
-
1.20
A1
0.05
0.15
A2
0.95
1.05
D
11.80
12.20
D1
10.00 BSC
E
11.80
12.20
E1
10.00 BSC
L
0.45
0.75
e
0.80 BSC
B
0.30
0.45
C
0.09
0.20
56-G4012-001
DATA SHEET REVISION SUMMARY
The following represent the key differences between 02/19/98 and 09/01/98 version of the DS80C310
data sheet. Please review this summary carefully.
1. Add note to clarify IIL specification.
2. Change serial port mode 0 timing diagram label from tQVXL to tQVXH.
3. Changed minimum oscillator frequency to 1 MHz when using external crystal.
4. Corrected “Data memory write with stretch” diagrams to show falling edge of ALE coincident with
rising edge of C3 clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com