Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Micro
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS80C310 Datasheet HTML 1Page - Dallas Semiconductor DS80C310 Datasheet HTML 2Page - Dallas Semiconductor DS80C310 Datasheet HTML 3Page - Dallas Semiconductor DS80C310 Datasheet HTML 4Page - Dallas Semiconductor DS80C310 Datasheet HTML 5Page - Dallas Semiconductor DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
DS80C310
4 of 23
DIP
PLCC
TQFP
SIGNAL
NAME
DESCRIPTION
1
2
3
4
5
6
7
8
2
3
4
5
6
7
8
9
40
41
42
43
44
1
2
3
Port
Alternate Function
P1.0
T2
External I/O for Timer/Counter 2
P1.1
T2EX
Timer/Counter 2 Capture/Reload Trigger
P1.2
none
(DS80C320 has a serial port RXD)
P1.3
none
(DS80C320 has a serial port TXD)
P1.4
INT2
External Interrupt 2 (Positive Edge Detect)
P1.5
INT3
External Interrupt 3 (Negative Edge Detect)
P1.6
INT4
External Interrupt 4 (Positive Edge Detect)
P1.7
INT5
External Interrupt 5 (Negative Edge Detect)
21
22
23
24
25
26
27
28
24
25
26
27
28
29
30
31
18
19
20
21
22
23
24
25
A8 (P2.0)
A9 (P2.1)
A10(P2.2)
A11(P2.3)
A12(P2.4)
A13 P2.5)
A14(P2.6)
A15(P2.7)
A8-15 (Port 2) -Output. Port 2 serves as the MSB for external
addressing. P2.7 is A15 and P2.0 is A8. The DS80C310 will
automatically place the MSB of an address on P2 for external
ROM and RAM access. Although Port 2 can be accessed like
an ordinary I/O port, the value stored on the Port 2 latch will
never be seen on the pins (due to memory access). Therefore
writing to Port 2 in software is only useful for the instructions
MOVX A, @ Ri or MOVX @ Ri, A. These instructions use the
Port 2 internal latch to supply the external address MSB; the
Port 2 latch value will be supplied as the address information.
10-17
10
11
12
13
14
15
16
17
11,
13-19
11
13
14
15
16
17
18
19
5,7-13
5
7
8
9
10
11
12
13
P3.0-3.7
Port 3 - I/O. Port 3 functions as both an 8-bit bidirectional I/O
port and an alternate functional interface for external Interrupts,
Serial Port 0, Timer 0 and 1 Inputs, RD and WR strobes. The
reset condition of Port 3 is with all bits at a logic 1. In this
state, a weak pullup holds the port high. This condition also
serves as an input mode, since any external circuit that writes
to the port will overcome the weak pullup. When software
writes a 0 to any port pin, the DS80C310 will activate a strong
pulldown that remains on until either a 1 is written or a reset
occurs. Writing a 1 after the port has been at 0 will cause a
strong transition driver to turn on, followed by a weaker
sustaining pullup. Once the momentary strong driver turns off,
the port once again becomes both the output high and input
state. The alternate modes of Port 3 are outlined below.
Port
Alternate
Mode
P3.0
RXD0
Serial Port 0 Input
P3.1
TXD0
Serial Port 0 Output
P3.2
INT0
External Interrupt 0
P3.3
INT1
External Interrupt 1
P3.4
T0
Timer 0 External Input
P3.5
T1
Timer 1 External Input
P3.6
WR
External Data Memory Write Strobe
P3.7
RD
External Data Memory Read Strobe
31
35
29
EA
EA -
Input. This pin must be connected to ground for proper
operation.
-
12
34
6
28
NC
NC - Reserved. These pins should not be connected. They
are reserved for use with future devices in this family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com