Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Micro
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor DS80C310 Datasheet HTML 10Page - Dallas Semiconductor DS80C310 Datasheet HTML 11Page - Dallas Semiconductor DS80C310 Datasheet HTML 12Page - Dallas Semiconductor DS80C310 Datasheet HTML 13Page - Dallas Semiconductor DS80C310 Datasheet HTML 14Page - Dallas Semiconductor DS80C310 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DS80C310
11 of 23
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.0
5.0
5.5
V
1
Supply Current Active Mode
@ 33 MHz
ICC
30
mA
2
Supply Current Idle Mode
@ 33 MHz
IIDLE
15
mA
3
Supply Current Stop Mode
ISTOP
1
µA
4
Input Low Level
VIL
-0.3
+0.8
V
1
Input High Level (Except
XTAL1 and RST)
VIH
2.0
VCC+0.3
V
1
Input High Level XTAL1 and RST
VIH2
3.5
VCC+0.3
V
1
Output Low Voltage Ports 1,3
@ IOL = 1.6 mA
VOL1
0.15
0.45
V
1
Output Low Voltage Port 0,2,
ALE,
PSEN @ IOL =3.2 mA
VOL2
0.15
0.45
V
1, 5
Output High Voltage Port 1, 3,
ALE,
PSEN @ IOH =-50
µA
VOH1
2.4
V
1, 6
Output High Voltage
@ IOH =-1.5mA Ports 1,3
VOH2
2.4
V
1, 7
Output High Voltage Port 0, 2,
ALE,
PSEN @ IOH =-8 mA
VOH3
2.4
V
1, 5
Input Low Current Ports 1, 3
@ 0.45V
IIL
-55
µA
10
Transition Current from 1 to 0
Ports 1,3 @ 2V
ITL
-650
µA
8
Input Leakage Port 0, Bus Mode
IL
-300
300
µA
9
RST Pulldown Resistance
RRST
50
170
K
NOTES FOR DC ELECTRICAL CHARACTERISTICS:
All parameters apply to both commercial and industrial temperature operation unless otherwise noted.
1. All voltages are referenced to ground.
2. Active current is measured with a 33 MHz clock source driving XTAL1, VCC =RST=5.5V, all other
pins disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com