Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS80C310
Description  High-Speed Micro
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C310 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS80C310 Datasheet HTML 1Page - Dallas Semiconductor DS80C310 Datasheet HTML 2Page - Dallas Semiconductor DS80C310 Datasheet HTML 3Page - Dallas Semiconductor DS80C310 Datasheet HTML 4Page - Dallas Semiconductor DS80C310 Datasheet HTML 5Page - Dallas Semiconductor DS80C310 Datasheet HTML 6Page - Dallas Semiconductor DS80C310 Datasheet HTML 7Page - Dallas Semiconductor DS80C310 Datasheet HTML 8Page - Dallas Semiconductor DS80C310 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1 of 23
012401
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple
revisions of any device may be simultaneously available through various sales channels. For information about device errata,
click here: http://www.maxim-ic.com/errata.
FEATURES
§ 80C32-compatible
-
8051 pin- and instruction set-compatible
-
Full duplex serial port
-
Three 16-bit timer/counters
-
256 bytes scratchpad RAM
-
Multiplexed address/data bus
-
Addresses 64 kB ROM and 64 kB RAM
§ High-Speed Architecture
-
4 clocks/machine cycle (8051 = 12)
-
Runs DC to 33 MHz clock rates
-
Single-cycle instruction in 121 ns
-
Dual data pointer
-
Optional variable length MOVX to access
fast/slow RAM /peripherals
§ 10 total interrupt sources with 6 external
§ Internal power-on reset circuit
§ Upwardly compatible with the DS80C320
§ Available in 40-pin PDIP, 44-pin PLCC, and
44-pin TQFP
PACKAGE OUTLINE
DESCRIPTION
The DS80C310 is a fast 80C31/80C32-compatible microcontroller. It features a redesigned processor
core without wasted clock and memory cycles. As a result, it executes every 8051 instruction between 1.5
and 3 times faster than the original architecture for the same crystal speed. Typical applications will see a
speed improvement of 2.5 times using the same code and the same crystal. The DS80C310 offers a
DS80C310
High-Speed Micro
www.maxim-ic.com
PRELIMINARY


Similar Part No. - DS80C310

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
382Kb / 22P
High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
333Kb / 21P
High-Speed Micro
logo
Maxim Integrated Produc...
DS80C310-ECG MAXIM-DS80C310-ECG Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
DS80C310-ECG+ MAXIM-DS80C310-ECG+ Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
More results

Similar Description - DS80C310

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320 DALLAS-DS80C320 Datasheet
1Mb / 42P
High-Speed/Low-Power Micro
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
EPROM/ROM High-Speed Micro
DS80C310 DALLAS-DS80C310_1 Datasheet
333Kb / 21P
High-Speed Micro
logo
List of Unclassifed Man...
LSD2 ETC2-LSD2 Datasheet
78Kb / 2P
MICRO-SECOND FLASH TUBE FOR HIGH-SPEED PHOTOGRAPHY
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
EPROM/ROM High-Speed Micro
logo
Megawin Technology Co.,...
MG84FL54B MEGAWIN-MG84FL54B Datasheet
890Kb / 94P
Full-Speed USB micro-controller
logo
Texas Instruments
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
12-Bit High Speed Micro Power Sampling
ADS7816EB TI1-ADS7816EB Datasheet
984Kb / 24P
12-Bit High Speed Micro Power Sampling
logo
SINOWEALTH Electronic L...
SH68F83 SINOWEALTH-SH68F83 Datasheet
870Kb / 58P
Low Speed USB Micro-controller
V2.0
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
Low Speed USB Micro-controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com