Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1010SI Datasheet(PDF) 5 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 5 Page - Altera Corporation

  ES1010SI Datasheet HTML 1Page - Altera Corporation ES1010SI Datasheet HTML 2Page - Altera Corporation ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page 5
ES1010SI 12V Hot-Swap Power Distribution Controllers
March 2014 Altera Corporation
that immediately shuts down the MOSFET switch should a rapid load current transient such as with a dead short cause the CR Vth to
exceed the programmed level by 150mV. Additionally, it has an UV indicator and an OC latch indicator. The functionality of the POK
feature is enabled once the IC is biased, monitoring and reporting any UV condition on the ISEN+ pin.
Upon initial power-up, the IC can either isolate the voltage supply from the load by holding the external N-Channel MOSFET
switch off or apply the supply rail voltage directly to the load for true hot swap capability. The EN pin must be pulled low for the
device to isolate the power supply from the load by holding the external N-Channel MOSFET off. With the EN pin held high or
floating the IC will be in true hot swap mode. In both cases the IC turns on in a soft-start mode protecting the supply rail from
sudden inrush current.
At turn-on, the external gate capacitor of the N-Channel MOSFET is charged with a 11µA current source resulting in a
programmable ramp (soft-start turn-on). The internal ES1010SI charge pump supplies the gate drive for the 12V supply switch
driving that gate to ~VIN +6.5V. Load current passes through the external current sense resistor. When the voltage across the sense
resistor exceeds the user programmed CR voltage threshold value, (see Table 1 for RISET- programming resistor value and resulting
nominal current regulation threshold voltage, VCR) the controller enters its current regulation mode. At this time, the time-out
capacitor, on CLTIM pin is charged with a 20µA current source and the controller enters the current limit time to latch-off period. The
length of the current limit time to latch-off duration is set by the value of a single external capacitor (see Table 2) for CCLTIM capacitor
value and resulting nominal current limited time-out to latch-off duration placed from the CLTIM pin (pin 6) to ground. The
programmed current level is held until either the OC event passes or the time-out period expires. If the former is the case then the N-
Channel MOSFET is fully enhanced and the CCLTIM capacitor is discharged. Once CCLTIM charges to ~1.8V signaling that the time-out
period has expired, an internal latch is set whereby the FET gate is quickly pulled to 0V turning off the N-Channel MOSFET switch,
isolating the faulty load.
This IC responds to a severe overcurrent load (defined as a voltage across the sense resistor >150mV over the OC Vth set point) by
immediately driving the N-Channel MOSFET gate to 0V in about 10µs. The gate voltage is then slowly ramped up turning on the
N-Channel MOSFET to the programmed current regulation level; this is the start of the time-out period.
Upon a UV condition, the POK signal will pull low when connected through a resistor to the logic or VIN supply. This pin is a UV
fault indicator. For an OC latch-off indication, monitor CLTIM, pin 6. This pin will rise rapidly from 1.8V to VIN once the time-
out period expires.
See Figures 2 through 13 for graphs and waveforms related to text.
The IC is reset after an OC latch-off condition by a low level on the EN pin and is turned on by the EN pin being driven high.
Application Considerations
Design applications where the CR Vth is set extremely low (25mV or less), there is a two-fold risk to consider.
• There is the susceptibility to noise influencing the absolute CR Vth value. This can be addressed with a 100pF capacitor across the
RSENSE resistor.
• Due to common mode limitations of the overcurrent comparator, the voltage on the ISET- pin must be 20mV above the IC
ground either initially (from ISET-*RSET) or before CCLTIM reaches time-out (from gate charge-up). If this does not happen, the IC
may incorrectly report overcurrent fault at start-up when there is no fault. Circuits with high load capacitance and initially low
load current are susceptible to this type of unexpected behavior.
Do not signal nor pull-up the EN input to > 5V. Exceeding 6V on this pin will cause the internal charge pump to malfunction.
TABLE 1. RISET- PROGRAMMING RESISTOR VALUE
RISET- RESISTOR
NOMINAL CR VTH
10k
200mV
4.99k
100mV
2.5k
50mV
1.25k
25mV
NOTE: Nominal Vth = RISET- x 20µA.
TABLE 2. CCLTIM CAPACITOR VALUE
CCLTIM CAPACITOR NOMINAL CURRENT LIMITED PERIOD
0.022µF
2ms
0.047µF
4.4ms
0.1µF
9.3ms
NOTE: Nominal time-out period = CCLTIM x 93k.
09617
March 14, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com