Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1010SI Datasheet(PDF) 9 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 9 Page - Altera Corporation

Back Button ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation ES1010SI Datasheet HTML 10Page - Altera Corporation ES1010SI Datasheet HTML 11Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 9
ES1010SI 12V Hot-Swap Power Distribution Controllers
March 2014 Altera Corporation
EVB-ES1010SI Board
The EVB-ES1010SI is default provided as a +12V high side switch controller with the CR level set at ~2.5A. See Figure 11 for
EVB-ES1010SI schematic and Table 3 for BOM. Bias and load connection points are provided along with test points for each IC
pin.
With J1 installed the ES1010SI will be biased from the +12V supply (VIN) being switched. Connect the load to VLOAD+. EN pin
pulls high internally enabling the ES1010SI if not driven low via EN test point or J2.
With R3 = 1.24k the CR Vth is set to 24.8mV and with the 10m sense resistor (R1) the EVB-ES1010SI has a nominal CR level
of 2.5~A. The 0.01µF delay time to latch-off capacitor results in a nominal 1ms before latch-off of output after an OC event.
Reconfiguring the EVB-ES1010SI board for a higher CR level can be done by changing the RSENSE and/or RISET- resistor values as
the provided FET is rated for a much higher current.
FIGURE 12. IOC REGULATION and TURN-OFF
FIGURE 13. WOC TURN-OFF and RESTART
FIGURE 14. EVB-ES1010SI HIGH SIDE SWITCH APPLICATION
Typical Performance Curves (Continued)
VOUT
GATE
ILOAD
CLTIM
VOUT
GATE
ILOAD
CLTIM
5
6
8
7
4
3
2
1
ES1010SI
Q1
R3
R2
C1
C3
R4
J1
VBIAS
VIN
+12V
C2
R1
EN
VBIAS
AGND
VLOAD+
U1
VOUT
CCLTIM
J2
POK
09617
March 14, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com