Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1010SI Datasheet(PDF) 8 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 8 Page - Altera Corporation

Back Button ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation ES1010SI Datasheet HTML 10Page - Altera Corporation ES1010SI Datasheet HTML 11Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Page 8
ES1010SI 12V Hot-Swap Power Distribution Controllers
March 2014 Altera Corporation
FIGURE 8. POWER-ON RESET VOLTAGE THRESHOLD
FIGURE 9. GATE VOLTAGE vs BIAS and TEMPERATURE
FIGURE 10. ES1010SI TURN-ON
FIGURE 11. ES1010SI TURN-OFF
Typical Performance Curves (Continued)
(EQ. 1)
IDD1
72 12
–

1.58k
------------------------
=
IDD1
38mA TypicalValue
12Vrating, 50mA reverse current
=

=
7.5
7.6
7.7
7.8
7.9
8.0
8.1
8.2
8.3
-40
0
25
70
85
125
TEMPERATURE (°C)
VIN LO TO HI
VIN HI TO LO
13
14
15
16
17
18
19
20
21
22
910
11
12
13
14
15
BIAS VOLTAGE (V)
+85°C
+25°C
-40°C
EN
VOUT
GATE
POK
VOUT
EN
GATE
POK
VOUT
09617
March 14, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com