Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1010SI Datasheet(PDF) 1 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 1 Page - Altera Corporation

  ES1010SI Datasheet HTML 1Page - Altera Corporation ES1010SI Datasheet HTML 2Page - Altera Corporation ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2014 Altera Corporation
DS-1044
Datasheet
© 2014 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, ENPIRION, HARDCOPY, MAX, MEGACORE, NIOS,
QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in
other countries. All other words and logos identified as trademarks or service marks are the property of their respective holders as described at
www.altera.com/common/legal.html. Altera warrants performance of its semiconductor products to current specifications in accordance with
Altera's standard warranty, but reserves the right to make changes to any products and services at any time without notice. Altera assumes no
responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed
to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
101 Innovation Drive
San Jose, CA 95134
www.altera.com
Subscribe
ISO
9001:2008
Registered
Enpirion® Power Datasheet
ES1010SI 12V Hot-Swap Power
Distribution Controllers
The Altera® Enpirion® ES1010SI is a fully featured hot-swap
power controller that targets +12V applications. The
ES1010SI has an integrated charge pump, which can generate
a higher (6.5V) gate drive to improve efficiency.
This IC features programmable overcurrent (OC) detection,
current regulation (CR) with time delay to latch-off and soft-
start.
The current regulation level is set by 2 external resistors;
RISET- sets the CR Vth and the other is a low ohmic sense
resistor across, which the CR Vth is developed. The CR
duration is set by an external capacitor on the CLTIM pin,
which is charged with a 20µA current once the CR Vth level is
reached. The IC then quickly pulls down the GATE output
latching off the pass FET.
Features
• Hot-swap Single Power Distribution Control for +12V
• Overcurrent Fault Isolation
• Programmable Current Regulation Level
• Programmable Current Regulation Time to Latch-Off
• Rail-to-Rail Common Mode Input Voltage Range
• Enhanced Internal Charge Pump Drives N-Channel
MOSFET gate to 6.5V above IC bias.
• Undervoltage and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn-On
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• 1µs Response Time to Dead Short
• Pb-Free (RoHS Compliant)
Applications
• FPGA, DSP, and ASIC power protection
• Power Distribution Control
• Hot Plug Components and Circuitry
Application Circuits - High Side Controller
+12V
-
+
EN
LOAD
POK
OC
1
2
3
4
8
7
6
5
ES1010SI
+V SUPPLY TO BE CONTROLLED
09617
March 14, 2014
Rev A


Similar Part No. - ES1010SI

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
ES10 JAE-ES10 Datasheet
290Kb / 5P
Just need to insert the stripped wire into the connector for connection.
logo
FranMar International I...
ES10-40M3 FRANMAR-ES10-40M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
ES10-41M3 FRANMAR-ES10-41M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
ES10-42M3 FRANMAR-ES10-42M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
ES10-43M3 FRANMAR-ES10-43M3 Datasheet
293Kb / 1P
10 Wat ts 4 : 1 Input Vol tage 3000VDC I/O Isolation DC - DC Converters
More results

Similar Description - ES1010SI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
Dual Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
Negative Voltage Hot Swap Controllers
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
12V Power Distribution Controllers
February 25, 2009
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
logo
Intersil Corporation
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
12V Power Distribution Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com