Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1010SI Datasheet(PDF) 4 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 4 Page - Altera Corporation

  ES1010SI Datasheet HTML 1Page - Altera Corporation ES1010SI Datasheet HTML 2Page - Altera Corporation ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4
ES1010SI 12V Hot-Swap Power Distribution Controllers
March 2014 Altera Corporation
Simplified Block Diagram
Description and Operation
The ES1010SI is targeted for +12V single power supply distribution control for generic hot swap switching applications.
This ICs features a highly accurate programmable current regulation (CR) level with programmable time delay to latch-off, and
programmable soft-start turn-on ramp all set with a minimum of external passive components. It also includes severe OC protection
EN Pull-Up Voltage
VEN
EN Pin Open
2.5
3.2
-
V
EN Rising Threshold
VEN_THR
1.1
1.7
2.35
V
EN Hysteresis
EN_HYS
125
170
250
mV
EN Pull-Up Current
IEN
12.6
17
24
µA
CURRENT REGULATION DURATION/POWER GOOD
CCLTIM Charging Current
CCLTIM_ichg0
VCLTIM = 0V
17.2
20.5
25
µA
CCLTIM Fault Pull-Up
Current (Note 4)
-20
-
mA
Current Limit Time-Out
Threshold Voltage
CCLTIM_Vth
CLTIM Voltage
1.6
1.8
2.1
V
Power Good Pull Down
Current
PG_Ipd
VOUT = 0.5V
-
8
-
mA
NOTES:
4. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
Electrical Specifications
VIN = 12V, TA = TJ = full temperature range, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNITS
+
-
ISET-
ISEN+
GATE
GND
VIN
CLTIM
POK
EN
CLIM
WOCLIM
ENABLE
OC
10µA
FALLING
EDGE
DELAY
18V
+
-
VREF
+
-
1.86V
12V
+
-
R
R
S
QN
Q
ENABLE
POR
VIN
8V
RISING
EDGE
PULSE
+
-
+
-
UV
18V
20µA
7.5k
+
-
+
-
20µA
UV DISABLE
09617
March 14, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com