Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1010SI Datasheet(PDF) 2 Page - Altera Corporation

Part # ES1010SI
Description  12V Hot-Swap Power Distribution Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1010SI Datasheet(HTML) 2 Page - Altera Corporation

  ES1010SI Datasheet HTML 1Page - Altera Corporation ES1010SI Datasheet HTML 2Page - Altera Corporation ES1010SI Datasheet HTML 3Page - Altera Corporation ES1010SI Datasheet HTML 4Page - Altera Corporation ES1010SI Datasheet HTML 5Page - Altera Corporation ES1010SI Datasheet HTML 6Page - Altera Corporation ES1010SI Datasheet HTML 7Page - Altera Corporation ES1010SI Datasheet HTML 8Page - Altera Corporation ES1010SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page 2
ES1010SI 12V Hot-Swap Power Distribution Controllers
March 2014 Altera Corporation
Ordering Information
Pin Configuration
ES1010SI
(8 LD SOIC)
TOP VIEW
PART NUMBER
(Notes 1, 3)
PART
MARKING
TEMPERATURE
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ES1010SI
1010
-40 to +85
8 Ld SOIC
M8.15
EVB-ES1010SI
Evaluation Platform
NOTES:
1. These Altera Enpirion Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations). Altera Enpirion Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020..
Pin Descriptions
PIN
NO.
SYMBOL
FUNCTION
DESCRIPTION
1
ISET-
Current Set
Connect to the low side of the current sense resistor through the current limiting set resistor. This
pin functions as the current limit programming pin.
2
ISEN+
Current Sense
Connect to the more positive end of sense resistor to measure the voltage drop across this resistor.
3
GATE
External FET Gate Drive
Pin
Connect to the gate of the external N-Channel MOSFET. A capacitor from this node to ground
sets the turn-on ramp. At turn-on this capacitor will be charged to VIN +6.5V by an 14µA
current source.
4
GND
Chip Return
5
VIN
Chip Supply
12V chip supply. This can be either connected directly to the +12V rail supplying the switched
load voltage or to a dedicated GND +12V supply.
6
CLTIM
Current Limit Timing
Capacitor
Connect a capacitor from this pin to ground. This capacitor determines the time delay between
an overcurrent event and chip output shutdown (current limit time-out). The duration of
current limit time-out is equal to 93k
 x CLTIM.
7
POK
Power Good Indicator
Indicates that the voltage on the ISEN+ pin is satisfactory. POK is driven by an open drain
N-Channel MOSFET and is pulled low when the output voltage (VISEN+) is less than the UV
level for the particular IC.
8
EN
Power-ON
EN is used to control and reset the chip. The chip is enabled when EN pin is driven high to a
maximum of 5V or is left open. Do not drive this input >5V. After a current limit time-out, the
chip is reset by a low level signal applied to this pin. This input has 20µA pull-up capability.
ISET-
ISEN+
GATE
GND
1
2
3
4
8
7
6
5
EN
POK
CLTIM
VIN
09617
March 14, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com